Electronic Components Datasheet Search
  English  ▼

X  

8103907 Datasheet(PDF) 3 Page - ledxon GmbH

Part # 8103907
Description  Recessed spotlight ESP1-S20, 14,0W 1595lm CRI90 3000K 40° white
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103907 Datasheet(HTML) 3 Page - ledxon GmbH

  8103907 Datasheet HTML 1Page - ledxon GmbH 8103907 Datasheet HTML 2Page - ledxon GmbH 8103907 Datasheet HTML 3Page - ledxon GmbH 8103907 Datasheet HTML 4Page - ledxon GmbH 8103907 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8103907
/
Page 3 5
OXOMI
Created on 09/04/2026
Lamp type
LED not exchangeable
Suitable for number of light sources
1
Housing material
Aluminium
Housing colour
White
Voltage type
AC
Nominal voltage
230 V
No dim function
Yes
Light distribution
Symmetric
Beam angle
21-40° - Medium beam
Rated lifetime L70/B50 at 25 °C
50,000 h
Degree of protection (IP)
IP20
Degree of protection (NEMA)
Other
Impact strength
IK03
Protection class according to IEC 61140
II
Max. system power
14.00 W
Colour of light
White
Colour temperature
3,000.00 K
Colour rendering index CRI
90-100
Luminous flux
1,595.00 lm
Rated luminous flux according to IEC
62722-2-1
1,595 lm
Width
75 mm
Height/depth
102.00 mm
Length
75 mm
Outer diameter
75 mm
Colour consistency (McAdam ellipse)
SDCM3
Unified Glare Ratio (UGR)
16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com