Electronic Components Datasheet Search
  English  ▼

X  

CB1V8 Datasheet(PDF) 1 Page - CTS Corporation

Part # CB1V8
Description  HCMOS/TTL CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB1V8 Datasheet(HTML) 1 Page - CTS Corporation

  CB1V8 Datasheet HTML 1Page - CTS Corporation CB1V8 Datasheet HTML 2Page - CTS Corporation CB1V8 Datasheet HTML 3Page - CTS Corporation CB1V8 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0277-0
Page 1 - 4
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model CB1V8
HCMOS/TTL CLOCK OSCILLATOR
FEATURES
• Standard 7x5mm Surface Mount Footprint
• HCMOS/TTL Compatible
• Fundamental and 3rd Overtone Crystals
• Frequency Range 1 – 70 MHz
• Frequency Stability, ±50 ppm Standard
(±25 ppm and ±20 ppm available)
• +1.8Vdc Operation
• Operating Temperature to –40°C to +85°C
• Output Enable Standard
• Tape & Reel Packaging
• RoHS/Green Compliant
ORDERING INFORMATION
CB1V8
FREQUENCY STABILITY
6 = ± 20 ppm (-20°C to +70°C only)
5 = ± 25 ppm
3 = ± 50 ppm (standard)
2 = ± 100 ppm (-40°C to +85°C only)
OPERATING TEMPERATURE RANGE
C = -20°C to +70°C (standard)
I = -40°C to +85°C
FREQUENCY IN MHz
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
M
Example Part Number: CB1V83C032M7680
DESCRIPTION
The CB1V8 is a ceramic packaged Clock
oscillator offering reduced size and enhanced
stability. The small size means it is perfect for
any application. The enhanced stability means it
is the perfect choice for today’s communications
applications that require tight frequency control.


Similar Part No. - CB1V8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB1V104M2ACB ETC2-CB1V104M2ACB Datasheet
427Kb / 6P
Tantalum Capacitor
CB1V154M2ACB ETC2-CB1V154M2ACB Datasheet
427Kb / 6P
Tantalum Capacitor
CB1V155M2ACB ETC2-CB1V155M2ACB Datasheet
427Kb / 6P
Tantalum Capacitor
CB1V336M2FCB ETC2-CB1V336M2FCB Datasheet
427Kb / 6P
Tantalum Capacitor
CB1V684M2ACB ETC2-CB1V684M2ACB Datasheet
427Kb / 6P
Tantalum Capacitor
More results

Similar Description - CB1V8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
logo
CTS Corporation
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
logo
List of Unclassifed Man...
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
HCMOS/TTL Oscillator
logo
Abracon Corporation
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
logo
CTS Corporation
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
HCMOS/TTL Clock Oscillator
logo
QUARTZCOM the communica...
MCO-7050H QUARTZCOM-MCO-7050H Datasheet
89Kb / 1P
Thru-hole Clock Oscillator HCMOS / TTL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com