Electronic Components Datasheet Search
  English  ▼

X  

CB2V5 Datasheet(PDF) 2 Page - CTS Corporation

Part # CB2V5
Description  HCMOS/TTL CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB2V5 Datasheet(HTML) 2 Page - CTS Corporation

  CB2V5 Datasheet HTML 1Page - CTS Corporation CB2V5 Datasheet HTML 2Page - CTS Corporation CB2V5 Datasheet HTML 3Page - CTS Corporation CB2V5 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0281-0
Page 2 - 4
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model CB2V5
7x5mm Low Cost
HCMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
7.0
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
fO
-
1.0
-
125
MHz
Frequency Stability
(See Note 1 and Ordering Information)
∆f/fO
--
-
20,25,50
or 100
± ppm
Operating Temperature
Commercial
-20
70
Industrial
-40
85
Supply Voltage
2.25
2.50
2.75
Supply Current
1.0 MHz to 20 MHz
CL=15pF
20.1 MHz to 50 MHz
CL=15pF
50.1 MHz to 125 MHz
CL=15pF
-
-
-
-
-
-
7
15
20
Output Load
CL
1.0 MHz to 50 MHz
50.1 MHz to 125 MHz
-
-
-
-
30
15
pF
Output Voltage Levels
Logic '1' Level
VOH
-
90%VCC
--
Logic '0' Level
VOL
--
-
10%VCC
Output Current
Logic '1' Level
IOH
VOH = 90%VCC
--
-4
Logic '0' Level
IOL
VOL = 10%VCC
--
+4
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Rise and Fall Time
@ 10% - 90% Levels
1.0 MHz to 20 MHz
CL=15pF
20.1 MHz to 50 MHz
CL=15pF
50.1 MHz to 125 MHz
CL=15pF
-
-
-
6
3
1.5
8
4
3
Start Up Time
TS
Application of VCC
--
10
ms
Enable Function
Enable Input Voltage
VIH
Pin 1 Logic '1', Output Enabled
1.75
-
-
Disable Input Voltage
VIL
Pin 1 Logic '0', Output Disabled
-
-
0.5
Standby Current
IST
VIL = 0.58V, Oscillator Stops
--
10
uA
Output Enable Time
TPLZ
VIH = 1.58V
--
8
ms
Phase Jitter
tjms
Bandwidth 12 kHz - 20 MHz
-
< 1
-
ps RMS
Notes:
1.
V
Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and first year aging
at an average operating temperature of +40 °C.
VCC
± 10 %
V
ICC
mA
V
mA
TR, TF
ns
TA
-°C
25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com