Electronic Components Datasheet Search
  English  ▼

X  

BS20/H Datasheet(PDF) 1 Page - Pro-Power

Part # BS20/H
Description  Conduit Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

BS20/H Datasheet(HTML) 1 Page - Pro-Power

  BS20/H Datasheet HTML 1Page - Pro-Power BS20/H Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Conduit Accessories
Page 1
01/02/08 V1.0
Description
Size
Pack Size
Part Number
Bending Spring, Light Gauge
20
1
BS20/L
Bending Spring, Heavy Gauge
BS20/H
Bending Spring, Light Gauge
25
BS25/L
Bending Spring, Heavy Gauge
BS25/H
Expansion Coupler, 125mm Long
20
100
EC20
Reducer
25/20
50
RED25/20
Specifications
Dimensions : Millimetres
Bending Spring
Expansion COupler
Reducer


Similar Part No. - BS20/H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
Conduit Accessories
logo
TOKYO KEISO CO.,LTD.
BS20 KEISO-BS20 Datasheet
1Mb / 5P
Single-use ultrasonic flowmeter for liquids
Mar 2024
logo
Vestal Electronic Devic...
BS20-720X300 VESTAL-BS20-720X300 Datasheet
20Kb / 1P
Bare Staple Jumper Wire
BS20-875X175 VESTAL-BS20-875X175 Datasheet
20Kb / 1P
Bare Staple Jumper Wire
logo
List of Unclassifed Man...
BS20-H ETC2-BS20-H Datasheet
107Kb / 2P
Conduit Accessories
More results

Similar Description - BS20/H

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
Conduit Fitting
M24758-4C GLENAIR-M24758-4C Datasheet
56Kb / 2P
Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
Straight Conduit Fitting to PEEK Conduit
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
Conduit Fitting
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
Conduit Fitting
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
Conduit-to-Conduit Fitting
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
Conduit Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com