Electronic Components Datasheet Search
  English  ▼

X  

CB17675 Datasheet(PDF) 1 Page - Pro-Power

Part # CB17675
Description  Self Locking Nylon Cable Ties
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

CB17675 Datasheet(HTML) 1 Page - Pro-Power

  CB17675 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
16/10/17
TECHNICAL
DATA SHEET
Important Notice : This data sheet and its contents (the “Information”) belong to pro-POWER. No licence is granted for the use of it other than for information purposes in connection with the
products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied. The
Information supplied is believed to be accurate but pro-POWER assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of
this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability
for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where pro-POWER was aware of the possibility of such loss or
damage arising) is excluded. This will not operate to limit or restrict pro-POWER’s liability for death or personal injury resulting from its negligence.
Self Locking Nylon Cable Ties
Materials Used:
Main component
Nylon 66, 94V-2 certificated by UL
Main Features
Heat, acid and erosion resistant. Good insulation. Resists aging
Customer Code
Length
(mm)
Width
(mm)
Max Bundle
Dia (mm)
Tensile Strength
Colour
PK Qty
Lbs
Kgs
CB17668
80
2.5
2-16
18
8
Natural
100
CB17669
80
2.5
2-16
18
8
Black
100
CB17670
120
2.5
2-30
18
8
Natural
100
CB17671
120
2.5
2-35
18
8
Black
100
CB17672
150
2.5
2-35
18
8
Natural
100
CB17673
150
2.5
2-35
18
8
Black
100
CB17674
250
2.9
3-65
33
15
Natural
100
CB17675
250
2.9
3-65
33
15
Black
100
CB17676
120
3.5
3-30
40
18
Natural
100
CB17677
120
3.5
3-30
40
18
Black
100
CB17678
150
3.5
3-35
40
18
Natural
100
CB17679
150
3.5
3-35
40
18
Black
100
CB17682
250
3.5
3-65
40
18
Natural
100
CB17683
250
3.5
3-65
40
18
Black
100
CB17684
180
4.5
3-42
50
22
Natural
100
CB17686
250
4.5
3-65
50
22
Natural
100


Similar Part No. - CB17675

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB172D0335 AVX-CB172D0335 Datasheet
744Kb / 10P
Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Cooper Bussmann, Inc.
CB174-10 COOPER-CB174-10 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB174-15 COOPER-CB174-15 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB174-20 COOPER-CB174-20 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB174-25 COOPER-CB174-25 Datasheet
269Kb / 5P
Automotive Circuit Breakers
More results

Similar Description - CB17675

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TY28MX ETC2-TY28MX Datasheet
66Kb / 1P
Premium cable ties with steel locking barb Standard ties
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
561-N3515 ETC2-561-N3515 Datasheet
179Kb / 2P
Nylon Wire Cable Ties
logo
Richco, Inc.
WIT-50RLA-3 RICHCO-WIT-50RLA-3 Datasheet
79Kb / 1P
SELF-MOUNT TIES
logo
Tripp Lite. All Rights ...
P35207N100 TRIPPLITE-P35207N100 Datasheet
516Kb / 1P
7.5 Nylon Cable Ties - 100-Pack
logo
OEN India Limited
04-0530MHX OENINDIA-04-0530MHX Datasheet
47Kb / 1P
Mounting Hole Nylon Cable Ties
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
04-0750PMX OENINDIA-04-0750PMX Datasheet
74Kb / 1P
Push Mount Nylon Cable Ties
logo
Tripp Lite. All Rights ...
P352-07N-100 TRIPPLITE-P352-07N-100 Datasheet
174Kb / 2P
7.5 Nylon Cable Ties - 100-Pack
logo
List of Unclassifed Man...
3907 ETC-3907 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com