Electronic Components Datasheet Search
  English  ▼

X  

IP011600 Datasheet(PDF) 8 Page - YAMAHA CORPORATION

Part # IP011600
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

IP011600 Datasheet(HTML) 8 Page - YAMAHA CORPORATION

Back Button IP011600 Datasheet HTML 4Page - YAMAHA CORPORATION IP011600 Datasheet HTML 5Page - YAMAHA CORPORATION IP011600 Datasheet HTML 6Page - YAMAHA CORPORATION IP011600 Datasheet HTML 7Page - YAMAHA CORPORATION IP011600 Datasheet HTML 8Page - YAMAHA CORPORATION IP011600 Datasheet HTML 9Page - YAMAHA CORPORATION IP011600 Datasheet HTML 10Page - YAMAHA CORPORATION IP011600 Datasheet HTML 11Page - YAMAHA CORPORATION IP011600 Datasheet HTML 12Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
AX-496/396
R553
R552 R560
R561
R553 (L ch)
R561 (R ch)
R552 (L ch)
R560 (R ch)
0.1mV∼10mV
Cut
I ADJUSTMENTS
Confirmation of Idling Current
• Right after Power is switched ON, confirm the voltages
measures at R553 (L ch) and R561 (R ch) are between
0.1mV to 10mV.
• If it exceeds 10mV, open (cut off) R552 (L ch), R560 (R
ch) and reconfirm the voltage.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com