Electronic Components Datasheet Search
  English  ▼

X  

MH70 Datasheet(PDF) 1 Page - FLEXTRAL

Part # MH70
Description  MH70 Bulk-Flex Material Suction Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

MH70 Datasheet(HTML) 1 Page - FLEXTRAL

  MH70 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MH70 Bulk-Flex Material Suction Hose
www.
.com
V04.21
Application:
A premium quality flexible hose designed for both suction or discharge. For use in sandblast
recovery, cement, hydro excavation, spill recovery, and mineral processing plants.
Construction:
Tube - Tan, smooth, abrasion resistant natural rubber
Reinforcement - High-tensile textile cord, and steel wire helix, with anti-static wire
Cover - Black, flat corrugated, specially formulated synthetic rubber, anti-static, abrasion, weather,
and ozone resistant
Branding - FLEXTRAL MH70-400 4” BULK-FLEX MATERIAL SUCTION 75 PSI MAX WP
Temperature Range:
-30°C to +85°C (-22°F to +185°F)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
MH70-300
3
3.86
75
10.5
2.45
100’
MH70-400
4
4.92
75
16.1
3.67
100’
MH70-600
6
6.89
75
23.9
5.26
100’
MH70-800
8
9.02
75
32.0
9.38
100’
*Call for additional fittings, lengths and assemblies.


Similar Part No. - MH70

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH7 RUBYCON-MH7 Datasheet
46Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
MTRONPTI
MH71FAD MTRONPTI-MH71FAD Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH71FAD-R MTRONPTI-MH71FAD-R Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH71FAD-R MTRONPTI-MH71FAD-R Datasheet
393Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH71FAG MTRONPTI-MH71FAG Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
More results

Similar Description - MH70

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
1M1M-HOS-3FT RALSTON-1M1M-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
1P1P-HOS-3FT RALSTON-1P1P-HOS-3FT Datasheet
299Kb / 1P
Quick-test hose
1S1S-HOS-3FT RALSTON-1S1S-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
2S2S-HOS-3FT RALSTON-2S2S-HOS-3FT Datasheet
290Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
QSQS-HOS-100FT RALSTON-QSQS-HOS-100FT_14 Datasheet
264Kb / 1P
Quick-test 6900 psi hose, S.S. hose ends, 100 ft (30.1 m) long (with hose reel)
QTQT-HOS-50FT RALSTON-QTQT-HOS-50FT Datasheet
263Kb / 1P
Quick-test 6900 psi hose, brass hose ends, 50 ft (15.2 m) long (with hose reel)
logo
Festo Corporation.
1376604 FESTO-1376604 Datasheet
80Kb / 1P
Vacuum suction cup
6/7/22
1377752 FESTO-1377752 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com