Electronic Components Datasheet Search
  English  ▼

X  

PE15 Datasheet(PDF) 1 Page - FLEXTRAL

Part # PE15
Description  PE15 Arctic Bear Corrugated Tank Truck
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

PE15 Datasheet(HTML) 1 Page - FLEXTRAL

  PE15 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE15 Arctic Bear Corrugated Tank Truck
www.
.com
V04.21
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
PE15-150
1Z\x
1.96
150
4.5
0.76
100’
PE15-200
2
2.52
150
6.0
1.00
100’
PE15-300
3
3.54
150
9.0
1.69
100’
PE15-400
4
4.65
150
12.0
2.63
100’
Application:
Flexible transfer hose specially designed for transferring mineral oil products and fuel mixtures.
Suitable for tank trunk and storage tank applications under extreme conditions.
Construction:
Tube - Blend of synthetic elastomer compound; black, smooth, antistatic, oil, and fuel resistant
Reinforcement - High-tensile textile cord, steel spiral wire helix
Cover - Blend of synthetic elastomer compound, blue, flat corrugated with cloth impression,
abrasion, weather, and ozone resistant
Branding - FLEXTRAL PE15-200 2” ARCTIC BEAR COLD TEMP TANK TRUCK 150 PSI MAX WP
Temperature Range:
-55ºC to +85ºC (-67ºF to +185ºF)
*Call for additional fittings, lengths and assemblies.
**
Caution: Static wire must be properly grounded during fabrication and tested to
ensure static continuity of hose assemblies.


Similar Part No. - PE15

ManufacturerPart #DatasheetDescription
logo
Clarke International
PE15 CLARKE-PE15 Datasheet
2Mb / 16P
AIR COMPRESSOR ELECTRIC MOTOR DRIVEN
LS1216
logo
PerkinElmer Optoelectro...
PE1500D-10F PERKINELMER-PE1500D-10F Datasheet
65Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE1500D-10UV PERKINELMER-PE1500D-10UV Datasheet
65Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
logo
Nihon Inter Electronics...
PE1508N NIEC-PE1508N Datasheet
159Kb / 2P
150A Avg 800 Volts
PE1508N NIEC-PE1508N Datasheet
189Kb / 3P
Cathode & Anode Common
More results

Similar Description - PE15

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0003 RFMD-AN0003 Datasheet
34Kb / 4P
A Quick Guide to Tank Circuits
logo
Richco, Inc.
CT-4 RICHCO-CT-4 Datasheet
51Kb / 1P
CORRUGATED TUBE
logo
List of Unclassifed Man...
TAT400 ETC2-TAT400 Datasheet
309Kb / 1P
Tank Immersion Heaters General Purpose Tank or Reservoir Water
logo
Ralston Instruments.
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
logo
Mallory performance clu...
PN2957 MALLORY-PN2957 Datasheet
8Mb / 24P
Atomic LS Master Truck EFI Kits
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
List of Unclassifed Man...
47553 ETC-47553 Datasheet
248Kb / 1P
Universal Organizer, Corrugated
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com