Electronic Components Datasheet Search
  English  ▼

X  

VR024000 Datasheet(PDF) 10 Page - YAMAHA CORPORATION

Part # VR024000
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

VR024000 Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button VR024000 Datasheet HTML 6Page - YAMAHA CORPORATION VR024000 Datasheet HTML 7Page - YAMAHA CORPORATION VR024000 Datasheet HTML 8Page - YAMAHA CORPORATION VR024000 Datasheet HTML 9Page - YAMAHA CORPORATION VR024000 Datasheet HTML 10Page - YAMAHA CORPORATION VR024000 Datasheet HTML 11Page - YAMAHA CORPORATION VR024000 Datasheet HTML 12Page - YAMAHA CORPORATION VR024000 Datasheet HTML 13Page - YAMAHA CORPORATION VR024000 Datasheet HTML 14Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
AX-496/396
No.
Port
I/O
Form
RE
Function
1
P53
I
I
2
P17
I/O
O
CEI
Chip Enable (Input selector)
3
P16
I/O
O
CK
Clock
S-CLK
4
P15
I/O
O
DATA
Data
T x D
5
P14
I/O
O
6
P13
I/O
O
TMO
Tape Monitor
7
P12
I/O
O
VRUP
Motor Volume (UP)
8
P11
I/O
O
VRDN
Motor Volume (DOWN)
9
P10
I/O
O
RYPS
Power Relay
10
P27
I
I
ENR
Rotary Encoder (Right)
11
P26
I
I
ENL
Rotary Encoder (Left)
12
P25
I
I
D34/5
AX-496, 396/596 Detect
H: 496, 396 L: 596
13
P24
I
I
14
P23
I
I
REC
Rec Out Selector Detect
IN3
15
P22
I
I
PRDC
Protection (DC)
IN2
16
P21
I
I
PRI
Protection (Overload)
IN1
17
P20
I
I
PRPS
Protection (Power Supply)
IN0
18
Vref
I
VREF
19
Xin
I
XIN
20
Xout
O
XOUT
21
Vss
VSS
22
Vcc
VCC
23
P50
I
I
PRINH
Release the Protection
24
P61
I/O
O
25
/RESET
I
/RESET
26
P30
I
I
PD
Power Down Detect
INT0
27
P31
I
I
REM
Remote Control
INT1
28
P32
I
I
D43
AX-493/393 Detect
29
P33
I
I
TPM
Tape Monitor
30
P40
I/O
O
LEDTM
LED (Tape Monitor)
31
P41
I/O
O
MUTE
Mute
32
P42
I/O
O
RYSP
Speaker Relay
33
P43
I/O
O
LSBY
LED (Power)
34
P00
I/O
I
PS
Power
Key On Wakeup
35
P01
I/O
I
REM
Remote Control (Wakeup)
Key On Wakeup
36
P02
I/O
O
LEDP
LED (Phono)
37
P03
I/O
O
LEDTM
LED (Tuner)
38
P04
I/O
O
LEDC
LED (CD)
39
P05
I/O
O
LEDM
LED (Tape)
40
P06
I/O
O
LEDTP
LED (MD)
41
P07
I/O
O
LEDA
LED (AUX)
42
P52
I
I
9
I µ-COM DATA
IC101 : M37478M4-409SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com