Electronic Components Datasheet Search
  English  ▼

X  

CHA2394 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2394
Description  36-40GHz Very Low Noise High Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2394 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2394 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2394
RoHS COMPLIANT
Ref. : DSCHA23946354 - 20 Dec 06
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
36-40GHz Very Low Noise High Gain Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2394 is a three-stage monolithic
low noise amplifier. It is designed for a wide
range
of
applications,
from
military
to
commercial communication systems.
The circuit is manufactured with a HEMT
process : 0.25µm gate length, via holes
through the substrate, air bridges and
electron beam gate lithography.
It is available in chip form.
Main Features
■ Broadband performances : 36-40GHz
■ 2.5dB Noise Figure
■ 21dB gain
■ ±1.5dB gain flatness
■ Low DC power consumption, 60mA @
3.5V
■ Chip size : 1.72 X 1.08 X 0.10 mm
Vgs1&2
Vgs3
Vds
IN
OUT
Vds
Typical on wafer measurements :
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
36
40
GHz
G
Small signal gain
18
21
dB
P1dB
Output power at 1dB gain compression
8
12
dBm
NF
Noise figure
2.5
3.0
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
10
12
14
16
18
20
22
30 31 32 33 34 35 36 37 38 39 40
Frequency (GHz)
1
1,5
2
2,5
3
3,5
4


Similar Part No. - CHA2394

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394 Datasheet
130Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2394-99F/00 UMS-CHA2394-99F/00 Datasheet
102Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
More results

Similar Description - CHA2394

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A Datasheet
106Kb / 7P
36-40GHz Low Noise Very High Gain Amplifier
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2391 UMS-CHA2391_15 Datasheet
126Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com