Electronic Components Datasheet Search
  English  ▼

X  

VC407900 Datasheet(PDF) 23 Page - YAMAHA CORPORATION

Part # VC407900
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

VC407900 Datasheet(HTML) 23 Page - YAMAHA CORPORATION

Back Button VC407900 Datasheet HTML 19Page - YAMAHA CORPORATION VC407900 Datasheet HTML 20Page - YAMAHA CORPORATION VC407900 Datasheet HTML 21Page - YAMAHA CORPORATION VC407900 Datasheet HTML 22Page - YAMAHA CORPORATION VC407900 Datasheet HTML 23Page - YAMAHA CORPORATION VC407900 Datasheet HTML 24Page - YAMAHA CORPORATION VC407900 Datasheet HTML 25Page - YAMAHA CORPORATION VC407900 Datasheet HTML 26Page - YAMAHA CORPORATION VC407900 Datasheet HTML 27Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
AX-496/396
30
I WARNING
Components having special characteristics are marked s and must be
replaced with parts having specifications equal to those originally in-
stalled.
G Carbon resistors (1/6W or 1/4W) are not included in the ELECTRICAL
PARTS List. For the parts No. of the carbon resistors, refer to last page.
ABBREVIATIONS IN THIS LIST ARE AS FOLLOWS:
C.A.EL.CHP
: CHIP ALUMI.ELECTROLYTIC CAP
C.CE
: CERAMIC CAP
C.CE.ARRAY : CERAMIC CAP ARRAY
C.CE.CHP
: CHIP CERAMIC CAP
C.CE.ML
: MULTILAYER CERAMIC CAP
C.CE.M.CHP
: CHIP MULTILAYER CERAMIC CAP
C.CE.SAFTY
: RECOGNIZED CERAMIC CAP
C.CE.TUBLR
: CERAMIC TUBULAR CAP
C.CE.SMI
: SEMI CONDUCTIVE CERAMIC CAP
C.EL
: ELECTROLYTIC CAP
C.MICA
: MICA CAP
C.ML.FLM
: MULTILAYER FILM CAP
C.MP
: METALLIZED PAPER CAP
C.MYLAR
: MYLAR FILM CAP
C.MYLAR.ML : MULTILAYER MYLAR FILM CAP
C.PAPER
: PAPER CAPACITOR
C.PLS
: POLYSTYRENE FILM CAP
C.POL
: POLYESTER FILM CAP
C.POLY
: POLYETHYLENE FILM CAP
C.PP
: POLYPROPYLENE FILM CAP
C.TNTL
: TANTALUM CAP
C.TNTL.CHP
: CHIP TANTALUM CAP
C.TRIM
: TRIMMER CAP
CN
: CONNECTOR
CN.BS.PIN
: CONNECTOR,BASE PIN
CN.CANNON : CONNECTOR,CANNON
CN.DIN
: CONNECTOR,DIN
CN.FLAT
: CONNECTOR,FLAT CABLE
CN.POST
: CONNECTOR,BASE POST
COIL.MX.AM
: COIL,AM MIX
COIL.AT.FM
: COIL,FM ANTENNA
COIL.DT.FM
: COIL,FM DETECT
COIL.MX.FM
: COIL,FM MIX
COIL,OUTPT : OUTPUT COIL
DIOD.ARRAY : DIODE ARRAY
DIODE.BRG
: DIODE BRIDGE
DIODE.CHP
: CHIP DIODE
DIODE.VAR
: VARACTOR DIODE
DIOD.Z.CHP
: CHIP ZENER DIODE
DIODE.ZENR : ZENER DIODE
DSCR.CE
: CERAMIC DISCRIMINATOR
FER.BEAD
: FERRITE BEADS
FER.CORE
: FERRITE CORE
FET.CHP
: CHIP FET
FL.DSPLY
: FLUORESCENT DISPLAY
FLTR.CE
: CERAMIC FILTER
FLTR.COMB
: COMB FILTER MODULE
FLTR.LC.RF
: LC FILTER,EMI
GND.MTL
: GROUND PLATE
GND.TERM
: GROUND TERMINAL
HOLDER.FUS : FUSE HOLDER
IC.PRTCT
: IC PROTECTOR
JUMPER.CN
: JUMPER CONNECTOR
JUMPER.TST : JUMPER,TEST POINT
L.DTCT
: LIGHT DETECTING MODULE
L.EMIT
: LIGHT EMITTING MODULE
LED.DSPLY
: LED DISPLAY
LED.INFRD
: LED,INFRARED
MODUL.RF
: MODULATOR,RF
PHOT.CPL
: PHOTO COUPLER
PHOT.INTR
: PHOTO INTERRUPTER
PHOT.RFLCT : PHOTO REFLECTOR
PIN.TEST
: PIN,TEST POINT
PLST.RIVET
: PLASTIC RIVET
R.ARRAY
: RESISTOR ARRAY
R.CAR.
: CARBON RESISTOR
R.CAR.CHP
: CHIPRESISTOR
R.CAR.FP
: FLAME PROOF CARBON RESISTOR
R.FUS
: FUSABLE RESISTOR
R.MTL.CHP
: CHIP METAL FILM RESISTOR
R.MTL.FLM
: METAL FILM RESISTOR
R.MTL.OXD
: METAL OXIDE FILM RESISTOR
R.MTL.PLAT
: METAL PLATE RESISTOR
RSNR.CE
: CERAMIC RESONATOR
RSNR.CRYS
: CRYSTAL RESONATOR
R.TW.CEM
: TWIN CEMENT FIXED RESISTOR
R.WW
: WIRE WOUND RESISTOR
SCR.BND.HD : BIND HEAD B-TITE SCREW
SCR.BW.HD
: BW HEAD TAPPING SCREW
SCR.CUP
: CUP TITE SCREW
SCR.TERM
: SCREW TERMINAL
SCR.TR
: SCREW,TRANSISTOR
SUPRT.PCB
: SUPPORT,P.C.B.
SURG.PRTCT : SURGE PROTECTOR
SW.TACT
: TACT SWITCH
SW.LEAF
: LEAF SWITCH
SW.LEVER
: LEVER SWITCH
SW.MICRO
: MICRO SWITCH
SW.PUSH
: PUSH SWITCH
SW.RT.ENC
: ROTARY ENCODER
SW.RT.MTR
: ROTARY SWITCH WITH MOTOR
SW.RT
: ROTARY SWITCH
SW.SLIDE
: SLIDE SWITCH
TERM.SP
: SPEAKER TERMINAL
TERM.WRAP : WRAPPING TERMINAL
THRMST.CHP : CHIP THERMISTOR
TR.CHP
: CHIP TRANSISTOR
TR.DGT
: DIGITAL TRANSISTOR
TR.DGT.CHP : CHIP DIGITAL TRANSISTOR
TRANS
: TRANSFORMER
TRANS.PULS : PULSE TRANSFORMER
TRANS.PWR : POWER TRANSFORMER ASS’Y
TUNER.AM
: TUNER PACK,AM
TUNER.FM
: TUNER PACK,FM
TUNER.PK
: FRONT-ENDTUNER PACK
VR
: ROTARY POTENTIOMETER
VR.MTR
: POTENTIOMETER WITH MOTOR
VR.SW
: POTENTIOMETER WITH ROTARY SW
VR.SLIDE
: SLIDE POTENTIOMETER
VR.TRIM
: TRIMMER POTENTIOMETER
Note) Those parts marked with “#” are not included in the P.C.B. ass’y.
PARTS LIST
I ELECTRICAL PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com