Electronic Components Datasheet Search
  English  ▼

X  

PD64001 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD64001
Description  1-Port PoE Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001 Datasheet(HTML) 1 Page - Microsemi Corporation

  PD64001 Datasheet HTML 1Page - Microsemi Corporation PD64001 Datasheet HTML 2Page - Microsemi Corporation PD64001 Datasheet HTML 3Page - Microsemi Corporation PD64001 Datasheet HTML 4Page - Microsemi Corporation PD64001 Datasheet HTML 5Page - Microsemi Corporation PD64001 Datasheet HTML 6Page - Microsemi Corporation PD64001 Datasheet HTML 7Page - Microsemi Corporation PD64001 Datasheet HTML 8Page - Microsemi Corporation PD64001 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P
PD
D6
64
40
00
01
1 1
1--P
Po
orrtt P
Po
oE
E M
Ma
an
na
ag
ge
err D
Da
atta
as
sh
he
ee
ett
Preliminary
Microsemi
Analog Mixed Signal Group
1 Hanagar st., P.O/ Box 7220 Hod Hasharon 45421, Israel Tel: +972-9-7755100 Fax: +972-9-7755111
page
1
Copyright
© 2008
Rev. 0.4 2008-05-08
Introduction ________________
The PD64001 is a single-port Power over Ethernet
PSE (Power Source Equipment) Manager. The PSE
Manager allows for the detection of IEEE 802.3af-
2003 and IEEE802.3at/D3.0 powered devices,
ensuring safe power feeding and monitoring of
Ethernet ports. With a minimum of external
components, the PD64001 integrates in a one-port or
two- port PoE-port switches and Midspans.
The PD64001 has several operating modes, allowing
it to be tailored to the customer application, be it a
Switch
or
a
Midspan,
IEEE802.af
or
IEEE802.3at/D3.0-compliant, with 1-event or 2-
events classification, AC or DC disconnect and strict
resistor detection or legacy detection capabilities. It
operates in a total stand-alone mode, with no need
for user intervention.
The PD64001 supports 2-events classification and
operates at Iport_max currents of up to 720mA per
port,
making
it
fully
compliant
with
the
IEEE802.3at/D3.0
This datasheet includes a complete application note
and provides detailed information and circuitry design
guidelines for the implementation of a 1-port Power
over Ethernet (PoE) system, based on Microsemi’s™
1-channel PoE device- the PD64001.
This document allows the designer to integrate PoE
capabilities, as specified in the IEEE802.3af standard
into an Ethernet switch, Midspan or a Router.
Applicable Documents
__________
♦ IEEE802.3af-2003
♦ IEEE802.3at/D3.0
Pin Configuration _____________
Features
_____________________
♦ IEEE 802.3af-2003-compliant
♦ IEEE802.3at/D3.0 compliant
♦ Supports Iport_max of 720mA
♦ Programmable solution, can be updated as the
IEEE802.3at standard evolves
♦ Accurate power measuring and extremely low
power dissipation
♦ BOM and software tailored for specific
application saving total solution cost
♦ Minimal power supply stress and EMI noises
♦ Legacy (pre-standard) PD’s detection
♦ 1-port standalone PoE control
♦ 1-event and 2-event classification supported
♦ External FET and sense resistor
♦ AC and DC disconnect
♦ Detection of the disconnection method by
assembled resistor
♦ Port On/Off Host interface
♦ Single operating voltage source
♦ Direct LED driving including IEEE802.3at
indication
♦ SOIC-20 package
♦ RoHS compliant
♦ -40oC to +85oC operating ambient temperature
Ordering Information__________
PART
TEMP. RANGE
PIN PACKAGE
PD64001
-40
°C to +85°C
SOIC-20
Evaluation board ordering number - PD-IM-73001


Similar Part No. - PD64001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
384Kb / 14P
1-Port PoE Manager
PD64001H MICROSEMI-PD64001H Datasheet
384Kb / 14P
1-Port PoE Manager
More results

Similar Description - PD64001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64012 ETC-PD64012 Datasheet
496Kb / 16P
12-channel PoE Manager
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64001H MICROSEMI-PD64001H Datasheet
384Kb / 14P
1-Port PoE Manager
logo
Level One
FCS-7111 LVL1-FCS-7111 Datasheet
172Kb / 3P
1-Port H.264 PoE Video Server
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com