Electronic Components Datasheet Search
  English  ▼

X  

SEPS225 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SEPS225
Description  128 x 128 Dots, 262K Colors PM-OLED Display Driver and Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEPS225 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SEPS225 Datasheet HTML 35Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 36Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 37Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 38Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 39Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 40Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 41Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 42Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
 
 
SYNCOAM Co., Ltd.                                SEPS225                                    Version: 0.8 
39/44
 
 
4‐2) System BUS Read/Write Timing (68 series CPU interface) 
 
 
(VDD = 2.8V, Ta = 25℃)  
ITEM 
SYMBOL 
CONDITION
MIN 
MAX
UNIT 
PORT 
Address hold timing 
Address setup timing 
tAH6 
tAS6 
‐ 
5 
5 
‐ 
ns 
ns 
CSB 
RS 
System cycle timing 
Write “L” pulse width 
Write “H” pulse width 
tCYC6 
tELW6 
tEHW6 
‐ 
100 
45 
45 
‐ 
ns 
ns 
ns 
E 
Data setup timing 
Data hold timing 
tDS6 
tDH6 
‐ 
40 
10 
‐ 
ns 
ns 
DB[17:0] 
notice ) All the timing reference is 10% and 90% of VDD. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com