Electronic Components Datasheet Search
  English  ▼

X  

PE30 Datasheet(PDF) 1 Page - FLEXTRAL

Part # PE30
Description  PE30 Fuel-Oil Delivery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

PE30 Datasheet(HTML) 1 Page - FLEXTRAL

  PE30 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE30 Fuel-Oil Delivery
www.
.com
PE30 Fuel-Oil Delivery Assemblies
V04.21
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
PE30-100
1
1.50
200
8.0
0.58
150’
PE30-125
1Z\v
1.75
200
10.0
0.75
150’
PE30-138
1C\,
1.87
200
10.0
0.86
150’
PE30-150
1Z\x
2.08
200
12.0
0.95
150’
Application:
Designed for use in home delivery of fuel-oil, non-leaded gasoline, diesel, and tractor fuels.
Low shrinkage under pressure, and smooth cover for easy pull. Kink and twist resistant braided
construction.
Construction:
Tube - Black NBR, ARPM Class A, static dissipating
Reinforcement - High-tensile synthetic yarn
Cover - Low-friction, abrasion resistant non-marking red, carboxylated nitrile
Branding - FLEXTRAL PE30-100 1” FUEL OIL DELIVERY HOSE 200 PSI MAX WP
Temperature Range:
-40ºC to +80ºC (-40ºF to +180ºF)
Note: Gasoline is normally conveyed below 120°F or 49°C
*Measuring outside diameter of each hose end is critical to proper ferrule selection.
Each hose end and ferrule must be measured and verified.
*See Page 208 of industrial catalog for Scovill Style fittings.
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
PE30-100MMIE050-BR
1” x 50’
1” M-NPT
1” M-NPT
Internally Expanded
PE30-100MMIE100-BR
1” x 100’
1” M-NPT
1” M-NPT
Internally Expanded
PE30-100MMIE150-BR
1” x 150’
1” M-NPT
1” M-NPT
Internally Expanded
PE30-125MMIE050-BR
1Z\v” x 50’
1Z\v” M-NPT
1Z\v” M-NPT
Internally Expanded
PE30-125MMIE100-BR
1Z\v” x 100’
1Z\v” M-NPT
1Z\v” M-NPT
Internally Expanded
PE30-125MMIE150-BR
1Z\v” x 150’
1Z\v” M-NPT
1Z\v” M-NPT
Internally Expanded
PE30-138MMIE050-BR
1C\,” x 50’
1Z\x” M-NPT
1Z\x” M-NPT
Internally Expanded
PE30-138MMIE100-BR
1C\,” x 100’
1Z\x” M-NPT
1Z\x” M-NPT
Internally Expanded
PE30-138MMIE150-BR
1C\,” x 150’
1Z\x” M-NPT
1Z\x” M-NPT
Internally Expanded
PE30-150MMIE050-BR
1Z\x” x 50’
1Z\x” M-NPT
1Z\x” M-NPT
Internally Expanded
PE30-150MMIE100-BR
1Z\x” x 100’
1Z\x” M-NPT
1Z\x” M-NPT
Internally Expanded
PE30-150MMIE150-BR
1Z\x” x 150’
1Z\x” M-NPT
1Z\x” M-NPT
Internally Expanded
*Call for additional fittings, lengths and assemblies.


Similar Part No. - PE30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
19-Jul-02
PE30 VISHAY-PE30 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
PE30 VISHAY-PE30 Datasheet
155Kb / 6P
Fully Sealed Potentiometer Professional Grade
01-Feb-18
PE30 VISHAY-PE30 Datasheet
116Kb / 6P
Fully Sealed Potentiometer Professional Grade
21-Nov-2022
PE30 VISHAY-PE30 Datasheet
169Kb / 3P
Custom Capabilities Position Sensors and Variable Resistors
06-Oct-16
More results

Similar Description - PE30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751 Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
logo
Mallory performance clu...
4060FI MALLORY-4060FI Datasheet
144Kb / 4P
ELECTRIC FUEL PUMP
4070 MALLORY-4070 Datasheet
260Kb / 4P
ELECTRIC FUEL PUMP
4305M MALLORY-4305M Datasheet
130Kb / 2P
FUEL PRESSURE REGULATOR FOR FUEL INJECTION
logo
List of Unclassifed Man...
FS-002 ETC2-FS-002 Datasheet
128Kb / 2P
FUEL SENDERS
logo
ILSI America LLC
IM821 ILSI-IM821 Datasheet
613Kb / 9P
Fast delivery times
logo
Mallory performance clu...
PN5250 MALLORY-PN5250 Datasheet
436Kb / 8P
Mallory Fuel Series 250 Electric Fuel Pump
PN22256 MALLORY-PN22256 Datasheet
310Kb / 8P
Mallory Fuel Series 70 Electric Fuel Pump
PN29389 MALLORY-PN29389 Datasheet
151Kb / 2P
Competition Fuel Pressure Regulator For Fuel Injection
PN29929 MALLORY-PN29929 Datasheet
152Kb / 2P
Fuel Pressure Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com