Electronic Components Datasheet Search
  English  ▼

X  

PE53 Datasheet(PDF) 1 Page - FLEXTRAL

Part # PE53
Description  PE53 Corrugated Heavy-Duty Dock Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

PE53 Datasheet(HTML) 1 Page - FLEXTRAL

  PE53 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE53 Corrugated Heavy-Duty Dock Hose
www.
.com
V04.21
Application:
Heavy-duty oil suction and discharge (OS&D)/dock hose for transferring oil between tankers,
barges, and storage tanks. The hose construction incorporates a specially formulated tube
that resists media to 50% aromatic content. The wire helix provides full suction capability, kink
resistance, and a path to conduct a static electrical charge to ground. The rugged corrugated
cover is resistant to abrasion, mild chemicals, oil, and weathering. Flextral USCG tested and
certified available upon request.
Construction:
Tube - Black nitrile
Reinforcement - Multiple plies of tire cord with dual wire helix
Cover - Black, synthetic rubber; wrapped finish
Branding - FLEXTRAL PE53-800 8” DOCK-FLEX 300 PSI MAX WP OIL S/D USCG ACCEPTED
Couplings - Built in Fixed and Floating Flanges
Temperature Range:
-40ºC to +82ºC (-40ºF to +180ºF)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
PE53-400
4
5.25
300
20
6.09
As Required
PE53-600
6
7.38
300
34
9.80
As Required
PE53-800
8
9.38
300
46
12.69
As Required
*Call for additional fittings, lengths and assemblies.
**
Caution: Static wire must be properly grounded during fabrication and tested to
ensure static continuity of hose assemblies.


Similar Part No. - PE53

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE53113NL PULSE-PE53113NL Datasheet
323Kb / 2P
Inductors Designed for National’s 50 kHz Simple Switcher™
10/16
PE53116NL PULSE-PE53116NL Datasheet
381Kb / 2P
Inductors Designed for National’s 50 kHz Simple Switcher™
02/16
PE53117NL PULSE-PE53117NL Datasheet
381Kb / 2P
Inductors Designed for National’s 50 kHz Simple Switcher™
02/16
PE53120NL PULSE-PE53120NL Datasheet
323Kb / 2P
Inductors Designed for National’s 50 kHz Simple Switcher™
10/16
logo
Wuxi U-NIKC Semiconduct...
PE532DX UNIKC-PE532DX Datasheet
822Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - PE53

ManufacturerPart #DatasheetDescription
logo
Energizer
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
SUPER HEAVY DUTY
1250 ENERGIZER-1250 Datasheet
147Kb / 2P
SUPER HEAVY DUTY
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com