Electronic Components Datasheet Search
  English  ▼

X  

PX250 Datasheet(PDF) 1 Page - FLEXTRAL

Part # PX250
Description  PX250 2SC COMPACT TWO WIRE BRAID HOSE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

PX250 Datasheet(HTML) 1 Page - FLEXTRAL

  PX250 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Meets or exceeds the requirements of SAE 100R16 and EN857 2SC
DIN 20022 2SN-ISO 1436 Type 2
Tube: Nitrile
Reinforcement: Two braids of high tensile steel wire
Cover: Black, oil, high abrasion and weather resistant synthetic rubber, MSHA approved
Temperature: -40°C to +100°C (-40°F to +212°F)
Packaging: Z\v" - 1” Reels
Application: Petroleum based hydraulic fluids, gasoline, water, diesel fuels and lubricating oils, biodegradable
hydraulic oil, fire resistant synthetic polyolesters, USCG 1942-1 accepted.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAXIMUM
WORKING
PRESSURE
MINIMUM
BURST
PRESSURE
MINIMUM
BEND
RADIUS
WEIGHT ONE PIECE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
PX250-04
Z\v
0.53
13.4
5,805
23,220
2.0
50
0.19
E
PX250-05
B\zn
0.59
15.0
5,080
20,320
2.2
55
0.23
E
PX250-06
C\,
0.67
17.1
5,000
20,000
2.6
65
0.29
E, N
PX250-08
Z|x
0.81
20.7
4,250
17,000
3.5
90
0.39
E, N
PX250-10
B\,
0.94
23.8
3,625
14,500
3.9
100
0.47
E, N
PX250-12
C\v
1.09
27.7
3,125
12,500
4.7
120
0.55
E, N
PX250-16
1
1.42
36.0
3,000
12,000
5.9
150
0.83
E, N
PX250-20
1Z\v
1.65
41.9
2,250
9,000
8.25
210
1.09
E, N
PX250-24
1Z|x
2.00
50.7
1,450
6,815
11.81
300
1.27
E
PX250-32
2
2.50
63.4
1,305
5,510
15.75
400
1.63
E
PX250 2SC COMPACT TWO WIRE BRAID HOSE
www.
.com
Note: Hose is available in three cover options. Standard cover part numbers are listed above. For ordering alternative covers
add the following suffix to the end of part number:
PS for Pro-Shield or PS2 for Pro-Shield2. (ex. PX250-08PS2)


Similar Part No. - PX250

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
PX2 HONEYWELL-ACC-PX2 Datasheet
2Mb / 17P
Heavy Duty Pressure Transducers
February 2014
PX2 HONEYWELL-ACC-PX2 Datasheet
1Mb / 14P
Heavy Duty Pressure Transducers
February 2015
logo
Honeywell Solid State E...
PX2 HONEYWELL-PX2 Datasheet
1Mb / 10P
Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
06/17
logo
List of Unclassifed Man...
PX2300 ETC-PX2300 Datasheet
256Kb / 1P
WEt/WET DIFFERENTIAL PRESSURE Transducer UNI-DIRECTIONAL AND BI-DIRECTIONAL RANGES
PX2300-0.5BDI ETC-PX2300-0.5BDI Datasheet
256Kb / 1P
WEt/WET DIFFERENTIAL PRESSURE Transducer UNI-DIRECTIONAL AND BI-DIRECTIONAL RANGES
More results

Similar Description - PX250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
TWO WIRE TRANSMITTER
logo
ALPS ELECTRIC CO.,LTD.
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
logo
Schurter Inc.
DEH SCHURTER-DEH Datasheet
368Kb / 2P
High frequency ground wire choke, shrink hose
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
TWO-WIRE TRANSMITTER
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
Two-wire serial interface Two-wire serial interface
logo
ALPS ELECTRIC CO.,LTD.
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
Compact Two-way, Two-step Detection Type
logo
Schurter Inc.
DEH SCHURTER-DEH_17 Datasheet
205Kb / 2P
High frequency ground wire choke, shrink hose
DEH SCHURTER-DEH_18 Datasheet
215Kb / 2P
High frequency ground wire choke, shrink hose
DEH SCHURTER-DEH_V01 Datasheet
216Kb / 2P
High frequency ground wire choke, shrink hose
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com