Electronic Components Datasheet Search
  English  ▼

X  

SM5846AP Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5846AP
Description  Multi-function Digital Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5846AP Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5846AP Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
SM5846AP
SEIKO NPC CORPORATION —16
FUNCTIONAL DESCRIPTION
Mode Switching and Function Switching
The SM5846AP supports several operating modes and function switches. Internal control flags, set by the dig-
ital inputs or serial data input signal from a microprocessor, determine the status of those function switches.
Mode switching/function switch controls
Control request switching
MDS input and device control
Mode switching/function switching is performed
under input pin control when MDS is HIGH, and
under internal flag control when MDS is LOW.
Input pin functions when MDS is LOW
All pins that are part of the microprocessor interface
can be used whenever MDS is LOW.
Stage
Name
Control request
Function
Input
Control flag
System
MDS
Yes
IC control request switch (input pin/control flag)
Operating mode switch
HS
Yes
Yes
Operating mode switching
ASEL2
Yes
Yes
ASEL1
Yes
Yes
Clock switch
CKS
Yes
Input clock frequency switching
CKEN
Yes
Crystal oscillator operating control switching
Filter switch
DEEM
Yes
Yes
Deemphasis ON/OFF switching
FSEL2
Yes
Deemphasis filter sampling frequency set
FSEL1
Yes
MUTE
Yes
Mute ON/OFF control
DITH
Yes
(pos. logic)
Yes
(neg. logic)
Dither ON/OFF control
Input interface switch
SYNC
Yes
Yes
Jitter-free/sync mode switching
LRS
Yes
LRCI (LR clock) input polarity switching
IBS2
Yes
Input data length set
IBS1
Yes
Output interface switch
OBS
Yes
Yes
Output data length set
MDS1
1. Switching MDS during device operation is prohibited.
Control request
HIGH
Input pins
LOW
Control flags
Pin name
Function
Notes
HS/MDT
Serial data transfer data
clock
Used for the
microprocessor
interface
ASEL2/MDCK
Serial data transfer clock
input
SYNC/MDLE
Serial data transfer latch
enable input
CKS
CKS function switch input
Input pin control only
because there is no
corresponding
control flag.
CKEN
CKEN function switch input
LRS
LRS function switch input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com