Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM1LS-NZ
Description  1 Watt | DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM1LS-NZ Datasheet HTML 1Page - AIMTEC AM1LS-NZ Datasheet HTML 2Page - AIMTEC AM1LS-NZ Datasheet HTML 3Page - AIMTEC AM1LS-NZ Datasheet HTML 4Page - AIMTEC AM1LS-NZ Datasheet HTML 5Page - AIMTEC AM1LS-NZ Datasheet HTML 6Page - AIMTEC AM1LS-NZ Datasheet HTML 7Page - AIMTEC AM1LS-NZ Datasheet HTML 8Page - AIMTEC AM1LS-NZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Series AM1LS-N(J)Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R12.N
3 of 10
North America only
REV: 07/21/A
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
3
5
12
15
24
2.97-3.63
4.5-5.5
10.8-13.2
13.5-16.5
21.6-26.4
VDC
Absolute Max Input Voltage
(1 sec max)
3 Vin
5 Vin
12 Vin
15 Vin
24 Vin
5
9
18
21
30
VDC
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O Voltage
60 sec
1500 / 3000
VDC
Resistance
500VDC
>1000
MOhm
Capacitance
20
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Accuracy
100% load (see tolerance chart)
±5
%
Short Circuit Protection
Continuous, unless marked with ‡
Short Circuit Restart
Auto-Recovery
Line Voltage Regulation
For ±1% of Vin, 3.3V output models only
±1.5
% of Vin
For ±1% of Vin, others
±1.2
% of Vin
Load Voltage Regulation
(10% - 100% Load)
5Vin, 3.3Vout
18
20
%
5Vin, 5Vout
10
15
%
5Vin, 9Vout
8
10
%
5Vin, 12Vout
7
10
%
5Vin, 15Vout
6
10
%
5Vin, 24Vout
5
10
%
Other models, 3.3V single output
18
%
Other models, 5V single output
12
%
Other models, 9V single output
8
%
Other models, 12V single output
7
%
Other models, 15V single output
6
%
Other models, 24V single output
5
%
Other models, 5V dual output
12
%
Other models, 9V dual output
9
%
Other models, 12V dual output
8
%
Other models, 15V dual output
7
%
Other models, 24V dual output
6
%
Temperature Coefficient
100% load, 5V input models
±0.02
%/
°C
100% load, Others
±0.03
%/
°C
Ripple & Noise
5V input, 24V output
50
100
mV p-p
5V input, other models
30
75
mV p-p
Others
60
150
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load, 5V input models
270
KHz
100% load, others
100
KHz
Operating temperature
With derating above +100
-40 to +105
°C
Storage temperature
-55 to +125
°C
Cooling
Free air convection
Storage Humidity
Non-condensing
95
% RH
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D.1 (5Vin models only)
Level 1
Case material
Flame retardant plastic (UL94-V0)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com