Electronic Components Datasheet Search
  English  ▼

X  

AM2DS-Z Datasheet(PDF) 3 Page - AIMTEC

Part # AM2DS-Z
Description  2 Watt | DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-Z Datasheet(HTML) 3 Page - AIMTEC

  AM2DS-Z Datasheet HTML 1Page - AIMTEC AM2DS-Z Datasheet HTML 2Page - AIMTEC AM2DS-Z Datasheet HTML 3Page - AIMTEC AM2DS-Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM2DS-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R6.C
3 of 4
North America only
Rev: 09/21/A
Safety Specifications
Parameters
Agency Approvals
CE
Standards
EN 55032, Class B, with external filter & EN 55024: 2010
IEC 61000-4-2, Criteria A
IEC 61000-4-3, Criteria A
IEC 61000-4-4, Criteria A, with external filter
IEC 61000-4-5, Criteria A, with external filter
IEC 61000-4-6, Criteria A
IEC 61000-4-8, Criteria A
Designed to meet IEC/EN 60950-1
Pin Out Specifications
Dimensions
Derating
19.50
(0.76)
Note:
Unit: mm(inch)
Pin pitch and length tolerance: ±0.35mm (±0.014)
Pin To case tolerance: ±0.50mm (±0.02)
Case tolerance: ±0.50mm (±0.02)
Printed
face
2.00
(0.08)
Bottom View
0.50
(0.02)
0.50
(0.02)
2.13
(0.084)
2.54
(0.1)
1
2
6
5
7
1
2
6
5
7
2.13
(0.084)
15.24
(0.1)
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
95
Ambient Temperature
º C
Free Air Convection
65
Pin
5200 VDC
Single
Dual
1
+ V Input
+ V Input
2
- V Input
- V Input
5
- V Output
- V Output
6
No pin
Common
7
+ V Output
+ V Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com