Electronic Components Datasheet Search
  English  ▼

X  

841S01CGLF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 841S01CGLF
Description  PCI ExpressTM Clock Generator 841S01
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841S01CGLF Datasheet(HTML) 2 Page - Renesas Technology Corp

  841S01CGLF Datasheet HTML 1Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 2Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 3Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 4Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 5Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 6Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 7Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 8Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev B 11/16/15
2
PCI EXPRESSTM CLOCK GENERATOR
841S01 DATA SHEET
Table 1. Pin Descriptions
NOTE: Pullup refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 6, 8, 10
VSS
Power
Ground for core and SRC outputs.
2, 5, 11, 16
VDD
Power
Power supply for core and SRC outputs.
3, 4
SRCT0, SRCC0
Output
Differential output pair. HCSL interface levels.
7
IREF
Input
An external fixed precision resistor (475
) from this pin to ground provides a
reference current used for differential current-mode SRCCx, SRCTx clock
outputs.
9VDDA
Power
Analog supply pin.
12,
13
XTAL_IN,
XTAL_OUT
Input
Crystal oscillator interface. XTAL_IN is the input. XTAL_OUT is the output.
14
SCLK
Input
Pullup
I2C SMBus compatible SCLK. This pin has an internal pullup resistor, but is in
high-impedance in power-down mode. LVCMOS/LVTTL interface levels.
15
SDATA
I/O
Pullup
I2C SMBus compatible SDATA. This pin has an internal pullup resistor, but is
in high-impedance in power-down mode. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com