Electronic Components Datasheet Search
  English  ▼

X  

94SP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 94SP
Description  Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SP Datasheet(HTML) 3 Page - Vishay Siliconix

  94SP Datasheet HTML 1Page - Vishay Siliconix 94SP Datasheet HTML 2Page - Vishay Siliconix 94SP Datasheet HTML 3Page - Vishay Siliconix 94SP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 90009
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 15-Jan-07
327
94SP
Solid Aluminum Capacitors
with Organic Semiconductor Electrolyte
Vishay OS-CON
F’
94SP686X0020FBP
20.0
68.0
2800
136.00
0.07
34
94SP107X0016FBP
16.0
100.0
2890
160.00
0.07
32
94SP187X0010FBP
10.0
180.0
2990
180.00
0.07
30
94SP227X06R3FBP
6.3
220.0
3100
138.60
0.07
28
94SP337X0004FBP
4.0
330.0
3230
132.00
0.07
24
C
94SP336X0020CBP
20.0
33.0
1710
66.00
0.07
45
94SP476X0016CBP
16.0
47.0
1710
75.20
0.07
45
94SP826X0010CBP
10.0
82.0
1850
82.00
0.07
40
94SP127X06R3CBP
6.3
120.0
1930
75.60
0.07
35
94SP157X0004CBP
4.0
120.0
1930
60.00
0.07
35
E
94SP127X0020EBP
20.0
120.0
3110
200.00
0.08
24
94SP187X0016EBP
16.0
180.0
3410
288.00
0.08
20
94SP277X0010EBP
10.0
270.0
3600
270.00
0.08
18
94SP397X06R3EBP
6.3
390.0
3810
245.70
0.08
16
94SP567X0004EBP
4.0
560.0
4080
224.00
0.08
14
F
94SP187X0020FBP
20.0
180.0
4280
360.00
0.08
20
94SP277X0016FBP
16.0
270.0
4400
432.00
0.08
18
94SP477X0010FBP
10.0
470.0
4510
470.00
0.08
15
94SP687X06R3FBP
6.3
680.0
4840
428.40
0.08
13
94SP827X0004FBP
4.0
820.0
5040
328.00
0.08
12
F0
94SP158X0004FBP
4.0
1500.0
6500
600.00
0.10
10
G
94SP228X0004GBP
4.0
2200.0
7100
880.00
0.12
10
* Part Numbers shown are for ± 20 % capacitance tolerance (X0).
94SP107X0016... Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack.
STANDARD RATINGS
CASE
CODE
PART
NUMBER*
RATED
VOLTAGE
(V)
NOMINAL
CAPACITANCE
(µF)
ALLOWABLE
RIPPLE CURRENT
(mAmps)
at 100 kHz, + 45 °C
MAX. LEAKAGE
CURRENT (µA)
(After 2
Minutes)
MAX.
TANGENT OF
LOSS ANGLE
MAX. ESR
100 k to 300 kHz
(m
Ω)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com