Electronic Components Datasheet Search
  English  ▼

X  

RF5000-32 Datasheet(PDF) 1 Page - FLEXTRAL

Part # RF5000-32
Description  RF5000 Rig Flow Slim-Hole Rotary Drill
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

RF5000-32 Datasheet(HTML) 1 Page - FLEXTRAL

  RF5000-32 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF5000 Rig Flow Slim-Hole Rotary Drill
www.
.com
Tube: Nitrile
Reinforcement: Four spirals (2”), Six spirals (2Z\x”) of high-tensile steel wire
Cover: Black, oil, abrasion, and weather resistant synthetic rubber, MSHA approved
Temperature: -40°C to +121°C (-40°F to +250°F)
Packaging: Coils
Application: High-pressure rotary hose for slim-hole, seismograph, work-over or portable drilling rigs. For use
with small to medium-blast, water-well or shot-hole drilling applications. Used in hydraulic oil,
mud or where pulsating pump is required.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BEND
RADIUS
WEIGHT
TWO PIECE
Skive
(in)
(in)
(mm)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
RF5000-32
2
2.66
67.6
5,000
27.5
700
2.45
VS
RF5000-40
2Z\x
3.35
85.1
5,000
26.0
660
5.13
LM
*Call for additional fittings, lengths and assemblies.
V04.21


Similar Part No. - RF5000-32

ManufacturerPart #DatasheetDescription
logo
Mersen
RF500/RL500 MERSEN-RF500/RL500 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
Campbell Scientific Uni...
RF500M CAMPBELL-RF500M Datasheet
635Kb / 2P
Radio Modem
01/30/2020
More results

Similar Description - RF5000-32

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
180-1459 CAMBION-180-1459 Datasheet
123Kb / 1P
Solder terminal, Eyelet, Thru Hole, .043 (1,09) mounting hole (#57 drill)
180-2926 CAMBION-180-2926 Datasheet
125Kb / 1P
Solder terminal, Slotted, .064 (1,61) mounting hole (#52 drill)
logo
Omron Electronics LLC
E6C2CWZ3E-100PR2M OMRON-E6C2CWZ3E-100PR2M Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
logo
Omron Electronics LLC
E6C2-CWZ6C OMRON-E6C2-CWZ6C Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
logo
CTS Corporation
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
logo
PHOENIX CONTACT
0801855 PHOENIX-0801855 Datasheet
49Kb / 3P
Plastic label with drill hole - EMLP 30(45X10)R
0822291 PHOENIX-0822291 Datasheet
47Kb / 2P
Plastic label with drill hole - EMLP 32 (38X14)
0822314 PHOENIX-0822314 Datasheet
47Kb / 2P
Plastic label with drill hole - EMLP 24 (30X12) BK
0822327 PHOENIX-0822327 Datasheet
47Kb / 2P
Plastic label with drill hole - EMLP 32 (38X14) BK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com