Electronic Components Datasheet Search
  English  ▼

X  

HSKIT4 Datasheet(PDF) 1 Page - Pro-Power

Part # HSKIT4
Description  4:1 Dual Wall Heat Shrink Tubing Kit Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

HSKIT4 Datasheet(HTML) 1 Page - Pro-Power

  HSKIT4 Datasheet HTML 1Page - Pro-Power HSKIT4 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
18/11/19
4:1 Dual Wall Heat Shrink Tubing Kit
Black
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Applications
Manufactured by co-extrusion of polyolefin and hot-melt adhesive. Designed to provide both insulation and sealing for protected
articles. Used to protect auto wires, shipping cable, bundle wires and metal tubes against water and moisture. A high expansion
ratio makes it possible to repair the most damaged cable jackets without removing connectors.
Features
• Operating temperature -45°C to +125°C
• Minimum shrink temperature 70°C
• Full recovery temperature 125°C
• Shrink Ratio 4:1
• Approvals: UL224, 125°C 600V VW-1
• Colour: Black
Kit Contains
• 4mm (45mm length) × 50
• 6mm (45mm length) × 30
• 8mm (70mm length) × 20
• 12mm (70mm length) × 10
• 16mm (70mm Length) × 10
Technical Data - Out Jacket Material
Property
Test Method
Typical Data
Tensile Strength
ASTM D2671
≥12 Mpa
Ultimate Elongation
ASTM D 2671
≥300%
Longitudinal Shrinkage
UL 224
±8%
Heat Aging
Ultimate Elongation
158°C, 168hrs
≥200%
Flammability
VW-1
Pass (out jacket only)
Dielectric Strength
IEC 243
≥15kV/mm
Volume Resistivity (ohm-cm)
UL224
≥1014 Ω.cm
Copper Stability
ASTM D 2671
Pass
Corrosion
UL224
No Corrosion
Property
Test Method
Typical Data
Water Absorption
ISO 62
<0.2%
Softening Point
ASTM D E28
95°C
Peel Strength (to PE)
ASTM D 1000
120N/25m
Peel Strength (to AL)
ASTM D 1000
80N/25m
Technical Data - Adhesive


Similar Part No. - HSKIT4

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HSKIT HUBBELL-HSKIT Datasheet
294Kb / 1P
Heat shrink connectors and installation tool kit contains Butt splice, Ring terminal, Fork Terminal, Male & Female Quick Disc., Male & Female Bullet, Step Down Butt Splice, Ratchet Crimp Tool and Metal Case with Dividers
logo
Bel Fuse Inc.
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
logo
Pro-Power
HSKIT2 PROPOWER-HSKIT2 Datasheet
197Kb / 2P
2:1 Heat Shrink Tubing Kit Clear
V1.0 15/11/19
HSKIT2:1CLEAR PROPOWER-HSKIT2:1CLEAR Datasheet
197Kb / 2P
2:1 Heat Shrink Tubing Kit Clear
V1.0 15/11/19
More results

Similar Description - HSKIT4

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com