Electronic Components Datasheet Search
  English  ▼

X  

HS115CLR Datasheet(PDF) 1 Page - Pro-Power

Part # HS115CLR
Description  3:1 Polyolefin Dual Wall Heat Shrink Tubing, Clear
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

HS115CLR Datasheet(HTML) 1 Page - Pro-Power

  HS115CLR Datasheet HTML 1Page - Pro-Power HS115CLR Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
18/11/19
3:1 Polyolefin Dual Wall
Heat Shrink Tubing, Clear
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Applications
Manufactured by co-extrusion of polyolefin and hot-melt adhesive. Designed to provide both insulation and sealing for protected
articles. Used to protect auto wires, shipping cable, bundle wires and metal tubes against water and moisture. High expansion
ratio makes it possible to repair most damaged cable jackets without removing connectors.
Features
• Operating temperature -45°C to +125°C
• Minimum shrink temperature 70°C
• Full recovery temperature 125°C
• Shrink Ratio 3:1
• Colour: Clear ( Transparent )
Technical Data - Out Jacket Material
Property
Test Method
Typical Data
Tensile Strength
ASTM D2671
≥12 Mpa
Ultimate Elongation
ASTM D 2671
≥300%
Longitudinal Shrinkage
UL 224
±8%
Heat Aging
Ultimate Elongation
158°C, 168hrs
≥200%
Flammability
VW-1
Pass (out jacket only)
Dielectric Strength
IEC 243
≥15kV/mm
Volume Resistivity
UL224
≥1014 Ω.cm
Copper Stability
ASTM D 2671
Pass
Copper Corrosion
UL224
No Corrosion
Property
Test Method
Typical Data
Water Absorption
ISO 62
<0.2%
Softening Point
ASTM D E28
95°C
Peel Strength (to PE)
ASTM D 1000
120N/25m
Peel Strength (to AL)
ASTM D 1000
80N/25m
Technical Data - Adhesive
Size
As supplied
After recovery
Inch
mm
Internal Diameter
Min. (mm)
Internal
Diameter Max.
Total Wall
Thickness
Wall Thickness
of Adhesive
1/8
3.2
3.2
1
0.9 ±0.3
0.35 ±0.2
3/16
4.8
4.8
1.6
1.05 ±0.3
0.4 ±0.2
1/4
6.4
6.4
2.2
1.25 ±0.3
0.45 ±0.2
5/16
7.9
7.9
2.7
1.3 ±0.3
0.45 ±0.2
Product Dimensions


Similar Part No. - HS115CLR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS115 ETC2-HS115 Datasheet
147Kb / 2P
Heat Shrink Tubings HS100 Series
logo
Multicomp Pro
HS115 MULTICOMP-HS115 Datasheet
163Kb / 2P
Heat Shrink Tubing
23/06/22 V1.0
HS115 MULTICOMP-HS115 Datasheet
154Kb / 2P
Adhesive Lined Heat Shrink Tubing
15/12/20 V1.0
HS115 1.2M MULTICOMP-HS115 1.2M Datasheet
163Kb / 2P
Heat Shrink Tubing
23/06/22 V1.0
HS115-100 MULTICOMP-HS115-100 Datasheet
154Kb / 2P
Adhesive Lined Heat Shrink Tubing
15/12/20 V1.0
More results

Similar Description - HS115CLR

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com