Electronic Components Datasheet Search
  English  ▼

X  

CV368W Datasheet(PDF) 1 Page - Pro-Power

Part # CV368W
Description  Weather Resistant Cable Ties Cable Harnessing Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

CV368W Datasheet(HTML) 1 Page - Pro-Power

  CV368W Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
13/07/17
Weather Resistant Cable Ties
Cable Harnessing Accessories
Features
• Carbonate A was added for greater resistance to ultra violet in outdoor usage
• Prolongs useful life of cable tie under sunshine / outdoor application
• High quality, durable Black ties
• Excellent resistance to ultra violet light
Specification Table
Length
(L)
Width
(W)
Max. Bundle
Diameter
Min. Tensile Strength
Part Number
lbs (kgs)
100 (3.937)
2.5
25
18 (8)
Miniature
CV100W
0301CV-100W
120 (4.724)*
4.8
30
50 (22)
Standard
CV120LW
142 (5.591)
2.5
35
18 (8)
Miniature
CV140SW
3.2
40 (18)
Intermediate
CV140W
165 (6.496)
2.5
44
18 (8)
Miniature
CV165W
160 (6.299)
4.8
42
50 (22)
Standard
CV160LW
203 (7.992)
2.5
55
18 (8)
Miniature
CV200MW
3.6
-
-
-
CV200AW
4.6
55
55 (22)
Standard
CV200W
292 (11.496)
3.6
85
40 (18)
Intermediate
CV292W
300 (11.811)
4.8
50 (22)
Standard
CV300SW
370 (14.567)
3.6
-
-
-
CV368SW
4.8
CV368W
380 (14.961)
7.6
110
120 (55)
Heavy Duty
CV380W
Dimensions : Millimetres (Inches)
* 1,000 per pack
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell Limited 2016.


Similar Part No. - CV368W

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CV3 PREMO-CV3 Datasheet
220Kb / 2P
SMPS High Isolation (2500V min) Current Transformer
CV3-050 PREMO-CV3-050 Datasheet
220Kb / 2P
SMPS High Isolation (2500V min) Current Transformer
CV3-100 PREMO-CV3-100 Datasheet
220Kb / 2P
SMPS High Isolation (2500V min) Current Transformer
logo
LEM
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
Voltage Transducer
CV3-1500 LEM-CV3-1500 Datasheet
85Kb / 2P
Voltage Transducer
More results

Similar Description - CV368W

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FCM2-A-C14 PANDUIT-FCM2-A-C14 Datasheet
4Mb / 192P
Cable Ties/Wiring Accessories Catalog?봚W-CTCB03
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
Laird Tech Smart Techno...
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
logo
OEN India Limited
04-CW07-50 OENINDIA-04-CW07-50 Datasheet
385Kb / 1P
Cold Weather Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com