Electronic Components Datasheet Search
  English  ▼

X  

KRC2000CP41 Datasheet(PDF) 2 Page - Schneider Electric

Part # KRC2000CP41
Description  Canalis KR Links feeder run component
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KRC2000CP41 Datasheet(HTML) 2 Page - Schneider Electric

  KRC2000CP41 Datasheet HTML 1Page - Schneider Electric KRC2000CP41 Datasheet HTML 2Page - Schneider Electric KRC2000CP41 Datasheet HTML 3Page - Schneider Electric KRC2000CP41 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
linear resistance
L - N X0 20 °C 0.084 mΩ/m symmetrical components method
L R20 20 °C 0.021 mΩ/m
L R1 35 °C 0.025 mΩ/m at Inc and 50 Hz
L X1 35 °C 0.034 mΩ/m at Inc and 50 Hz
L Z1 35 °C 0.042 mΩ/m at Inc and 50 Hz
L - PE R0 20 °C 0.078 mΩ/m symmetrical components method
L - PE X0 20 °C 0.101 mΩ/m symmetrical components method
L - PE Z0 20 °C 0.128 mΩ/m symmetrical components method
L - N R0 20 °C 0.048 mΩ/m symmetrical components method
L - N Z0 20 °C 0.096 mΩ/m symmetrical components method
마운팅 위치
실내
실외
제품 인증
EAC
ATEX
CE
표준
IEC 61439-6
너비
100 mm
높이
190 mm
색상
회색 RAL 7030)
길이
1 300…700 mm
2 350…700 mm
3 145…700 mm
linear load
72 kg/m
사용환경
IP
등급
IP68 conforming to IEC 60529
보호의 IK 정도
IK10 conforming to IEC 62262
오염 정도
3
내화성
760 °C 180 min 일치되는 IEC 60331-1
derating factor
20 °C (120 % of In)
25 °C (115 % of In)
30 °C (110 % of In)
35 °C (105 % of In)
40 °C (100 % of In)
45 °C (96 % of In)
50 °C (89 % of In)
55 °C (84 % of In)
60 °C (78 % of In)
사용 고도
1000 m 100 % of In 실내)
2000 m 99 % of In 실내)
3000 m 96 % of In 실내)
4000 m 90 % of In 실내)
1000 m 98 % of In 실외)
2000 m 94 % of In 실외)
3000 m 89 % of In 실외)
4000 m 83 % of In 실외)
환경적 특성
EMC 지침 conforming to IEC 61439-6
포장 단위
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
40.0 cm
Package 1 Width
50.0 cm
Package 1 Length
50.0 cm
Package 1 Weight
105.84 kg
2
2026. 9. 7.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com