Electronic Components Datasheet Search
  English  ▼

X  

AS1539 Datasheet(PDF) 10 Page - ams AG

Part # AS1539
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539 Datasheet(HTML) 10 Page - ams AG

Back Button AS1539 Datasheet HTML 6Page - ams AG AS1539 Datasheet HTML 7Page - ams AG AS1539 Datasheet HTML 8Page - ams AG AS1539 Datasheet HTML 9Page - ams AG AS1539 Datasheet HTML 10Page - ams AG AS1539 Datasheet HTML 11Page - ams AG AS1539 Datasheet HTML 12Page - ams AG AS1539 Datasheet HTML 13Page - ams AG AS1539 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 20
AS1539/AS1541
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1539/AS1541 successive approximation register (SAR) A/D converter architecture is based on capacitive
redistribution which inherently includes a sample-and- hold function.
The AS1539/AS1541 core is controlled by an internally generated free-running clock. When the device is not perform-
ing conversions or being addressed, the A/D converter-core and internal clock are powered off.
Figure 22. Simplified I/O Diagram
Analog Input
When the converter enters the hold mode, the voltage on the selected CHx pin is captured on the internal capacitor
array. The input current on the analog inputs depends on the conversion rate of the device. During the sample period,
the source must charge the internal sampling capacitor (typically 15pF). After the capacitor has been fully charged,
there is no further input current. The amount of charge transfer from the analog source to the converter is a function of
conversion rate.
Figure 23. Reference circuit
AS1539/
AS1541
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
REFIN/OUT
GND
A0
SCL
SDA
A1
COM
Microcontroller
0.1 to
10µF
2k
Ω
+2.7 to
+5.25V
+
VDD
0.1 to
10µF
+
1µF
AS1539
CH0:CH7
REFIN/OUT
SDA
0.1 to
10µF
2k
Ω
+2.7 to
+5.25V
+
VDD
1µF
10
Ω
1nF
-
+
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com