Electronic Components Datasheet Search
  English  ▼

X  

WA10 Datasheet(PDF) 1 Page - FLEXTRAL

Part # WA10
Description  WA10 Blue PVC Layflat
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

WA10 Datasheet(HTML) 1 Page - FLEXTRAL

  WA10 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WA10 Blue PVC Layflat
www.
.com
WA10 Blue PVC Layflat Assemblies
V04.21
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
WA10-100
1
1.11
85
0.11
300’
WA10-125
1Z\v
1.36
85
0.12
300’
WA10-150
1Z\x
1.61
85
0.14
300’
WA10-200
2
2.11
80
0.20
300’
WA10-250
2Z\x
2.62
70
0.27
300’
WA10-300
3
3.13
70
0.34
300’
WA10-400
4
4.13
70
0.48
300’
WA10-600
6
6.14
50
0.77
300’
WA10-800
8
8.15
50
1.21
300’
WA10-1000
10
10.12
35
1.81
100’
WA10-1200
12
12.13
30
1.95
100’
Application:
A standard duty hose for portable pump and irrigation use. Hose folds flat for ease of coiling and
handling. Common applications are rental, construction, mining, dewatering, agricultural, and
marine service.
Construction:
Tube - PVC
Reinforcement - Woven synthetic yarn
Cover - Blue, PVC
Branding - FLEXTRAL WA10-200 80 PSI MAX WP
Temperature Range:
-21ºC to +54ºC (-5ºF to +130ºF )
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
WA10-200CE050-AL
2" x 50'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA10-300CE050-AL
3" x 50'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA10-400CE050-AL
4" x 50'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA10-600CE050-AL
6" x 50'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA10-800CE050-AL-__*
8" x 50'
Fem Cam Alum. - 1 or 2 Male Cam Alum. - 1 or 2 Preformed Band
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
WA10-150MFIPT050-AL
1Z\x" x 50'
M-NPSM
F-NPSM
Preformed Band
WA10-200MFIPT050-AL
2" x 50'
M-NPSM
F-NPSM
Preformed Band
WA10-300MFIPT050-AL
3" x 50'
M-NPSM
F-NPSM
Preformed Band
WA10-400MFIPT050-AL
4" x 50'
M-NPSM
F-NPSM
Preformed Band
*Specify (N)=Type 1 for NECO Style or (P)=Type 2 for PT Style. See Page 174 for Detailed Type Explanation.
*Call for additional fittings, lengths and assemblies.


Similar Part No. - WA10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WA100 XPPOWER-WA100 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA101 XPPOWER-WA101 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA102 XPPOWER-WA102 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA103 XPPOWER-WA103 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA104 XPPOWER-WA104 Datasheet
78Kb / 2P
DC-DC Power Supplies
More results

Similar Description - WA10

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4015A GENERAL-C4015A Datasheet
73Kb / 1P
4P 22 SOLID TC SR-PVC PVC
C9011A GENERAL-C9011A Datasheet
71Kb / 1P
4C 22 AWG 7/30 TC PVC / PVC
C9015A GENERAL-C9015A Datasheet
71Kb / 1P
15C 22 AWG 7/30 TC PVC / PVC
C9019A GENERAL-C9019A Datasheet
71Kb / 1P
3C 20 AWG 7/28 TC PVC / PVC
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
2C 22 SOLID BC SR-PVC PVC
10/29/2007
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
C0972A GENERAL-C0972A Datasheet
84Kb / 1P
4C 22AWG SR-PVC, OAS, PVC
logo
Tripp Lite. All Rights ...
N22201KBL TRIPPLITE-N22201KBL Datasheet
484Kb / 2P
Cat6 Gigabit Bulk Solid PVC Cable - Blue, 1000-ft
N222-01K-BL TRIPPLITE-N222-01K-BL Datasheet
181Kb / 2P
Cat6 Gigabit Bulk Solid PVC Cable - Blue, 1000-ft.
logo
Belden Inc.
32P1620 BELDEN-32P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V
04-14-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com