Electronic Components Datasheet Search
  English  ▼

X  

WA20 Datasheet(PDF) 1 Page - FLEXTRAL

Part # WA20
Description  WA20 Black Iron River Standard Duty
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

WA20 Datasheet(HTML) 1 Page - FLEXTRAL

  WA20 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WA20 Black Iron River Standard Duty
www.
.com
WA20 Black Iron River Assemblies
V04.21
Application:
A premium high-pressure PVC/nitrile layflat hose, suited ideally for mining, construction,
agriculture, water jetting, dewatering, industrial wash down, submersible pump discharge
applications. This hose has excellent abrasion and weathering resistance and limited oil
resistance.
Construction:
Tube - Black, abrasion and oil resistant nitrile / PVC
Reinforcement - One-piece through the weave
Cover - Black, ribbed abrasion, weather and oil resistant nitrile / PVC
Branding - FLEXTRAL WA20-200 2” 300 PSI MAX WP
Temperature Range:
-46ºC to +80ºC (-50ºF to +176ºF)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
WA20-200
2
2.25
300
0.31
50’
WA20-300
3
3.35
250
0.54
50’
WA20-400
4
4.35
200
0.72
50’/300’
WA20-600
6
6.39
150
1.17
50’/300’
WA20-800
8
8.45
150
2.08
50’/300’
WA20-1000
10
10.47
150
2.68
50’
WA20-1200
12
12.47
150
3.15
50’
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
WA20-400BSIX025-B
4" x 25'
Ball - Type B
Socket - Type B
Crimp Sleeve
WA20-400BSIX050-B
4" x 50'
Ball - Type B
Socket - Type B
Crimp Sleeve
WA20-600BSIX025-B
6" x 25'
Ball - Type B
Socket - Type B
Crimp Sleeve
WA20-600BSIX050-B
6" x 50'
Ball - Type B
Socket - Type B
Crimp Sleeve
WA20-800BSIX025-B
8" x 25'
Ball - Type B
Socket - Type B
Crimp Sleeve
WA20-800BSIX050-B
8" x 50'
Ball - Type B
Socket - Type B
Crimp Sleeve
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
WA20-200CEX025-AL
2" x 25'
Fem Cam Alum.
Male Cam Alum.
Crimp Sleeve
WA20-200CEX050-AL
2" x 50'
Fem Cam Alum.
Male Cam Alum.
Crimp Sleeve
WA20-300CEX025-AL
3" x 25'
Fem Cam Alum.
Male Cam Alum.
Crimp Sleeve
WA20-300CEX050-AL
3" x 50'
Fem Cam Alum.
Male Cam Alum.
Crimp Sleeve
WA20-400CEX025-AL
4" x 25'
Fem Cam Alum.
Male Cam Alum.
Crimp Sleeve
WA20-400CEX050-AL
4" x 50'
Fem Cam Alum.
Male Cam Alum.
Crimp Sleeve
WA20-600CEX025-AL
6" x 25'
Fem Cam Alum.
Male Cam Alum.
Crimp Sleeve
WA20-600CEX050-AL
6" x 50'
Fem Cam Alum.
Male Cam Alum.
Crimp Sleeve
WA20-800CEX025-AL-__*
8" x 25'
Fem Cam Alum. - 1 or 2 Male Cam Alum. - 1 or 2 Crimp Sleeve
WA20-800CEX050-AL-__*
8" x 50'
Fem Cam Alum. - 1 or 2 Male Cam Alum. - 1 or 2 Crimp Sleeve
*Call for additional fittings, lengths and assemblies.
*Specify (N)=Type 1 for NECO Style or (P)=Type 2 for PT Style. See Page 174 for Detailed Type Explanation.


Similar Part No. - WA20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WA20 VISHAY-WA20 Datasheet
459Kb / 3P
Rack and Panel Connectors Side Mount
08-Feb-07
logo
XP Power Limited
WA200 XPPOWER-WA200 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA201 XPPOWER-WA201 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA202 XPPOWER-WA202 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA203 XPPOWER-WA203 Datasheet
78Kb / 2P
DC-DC Power Supplies
More results

Similar Description - WA20

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TN17-2P40 FERROXCUBE-TN17-2P40 Datasheet
46Kb / 3P
Iron powder toroids
TN20-13-6 FERROXCUBE-TN20-13-6 Datasheet
45Kb / 3P
Iron powder toroids
TN24-15-7.5 FERROXCUBE-TN24-15-7.5 Datasheet
46Kb / 3P
Iron powder toroids
TN27-15-11 FERROXCUBE-TN27-15-11 Datasheet
46Kb / 3P
Iron powder toroids
TN33-20-11 FERROXCUBE-TN33-20-11 Datasheet
46Kb / 3P
Iron powder toroids
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
logo
Analog Technologies, In...
ATAS80 ANALOGTECHNOLOGIES-ATAS80 Datasheet
373Kb / 7P
Auto Iron
3/22/2018
logo
Diodes Incorporated
AL1698K DIODES-AL1698K Datasheet
764Kb / 14P
HIGH EFFICIENCY DIMMABLE LED KD RIVER
Rev. 1 - 2 August 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com