Electronic Components Datasheet Search
  English  ▼

X  

WA30 Datasheet(PDF) 1 Page - FLEXTRAL

Part # WA30
Description  WA30 HD “Chiller” & Rubber Discharge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

WA30 Datasheet(HTML) 1 Page - FLEXTRAL

  WA30 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WA30 HD “Chiller” & Rubber Discharge
www.
.com
WA30 HD Rubber Discharge Assemblies
V12.23
Application:
An excellent hose in HVAC Chiller application. For use on construction sites and general water
service. High-pressure allows pumping against greater vertical heads.
Construction:
Tube - Black rubber
Reinforcement - Multiple plies of synthetic yarn
Cover - Black, weather and high-abrasion resistant rubber
Branding - FLEXTRAL WA30-300 3” HEAVY DUTY “CHILLER” 150 PSI MAX WP
Temperature Range:
-30ºC to +85ºC (-22ºF to +185ºF)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
WA30-150
11/2
1.77
150
0.49
50’/100’
WA30-200
2
2.32
150
0.66
50’/100’
WA30-250
21/2
2.81
150
0.86
50’/100’
WA30-300
3
3.38
150
1.35
50’/100’
WA30-400
4
4.37
150
1.52
50’/100’
WA30-500
5
5.40
150
2.25
50’/100’
WA30-600
6
6.46
150
2.84
50’/100’
WA30-800
8
8.63
150
4.40
50’/100’
WA30-1000
10
10.55
150
5.78
50’
WA30-1200
12
12.50
100
6.75
50’
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
WA30-200CEX025-BR
2" x 25'
Fem Cam Brass
Male Cam Brass
Crimp Sleeve
WA30-200CEX050-BR
2" x 50'
Fem Cam Brass
Male Cam Brass
Crimp Sleeve
WA30-300CEX025-BR
3" x 25'
Fem Cam Brass
Male Cam Brass
Crimp Sleeve
WA30-300CEX050-BR
3" x 50'
Fem Cam Brass
Male Cam Brass
Crimp Sleeve
WA30-400CEX025-BR
4" x 25'
Fem Cam Brass
Male Cam Brass
Crimp Sleeve
WA30-400CEX050-BR
4" x 50'
Fem Cam Brass
Male Cam Brass
Crimp Sleeve
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
WA30-300GGX025-CS
3" x 25'
Grooved End
Grooved End
Crimp Sleeve
WA30-300GGX050-CS
3" x 50'
Grooved End
Grooved End
Crimp Sleeve
WA30-400GGX025-CS
4" x 25'
Grooved End
Grooved End
Crimp Sleeve
WA30-400GGX050-CS
4" x 50'
Grooved End
Grooved End
Crimp Sleeve
WA30-600GGX025-CS
6" x 25'
Grooved End
Grooved End
Crimp Sleeve
WA30-600GGX050-CS
6" x 50'
Grooved End
Grooved End
Crimp Sleeve
**Standard 6”- 8” camlocks are not suitable for HVAC chiller systems.
*Call for additional fittings, lengths and assemblies.


Similar Part No. - WA30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WA300 XPPOWER-WA300 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA301 XPPOWER-WA301 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA302 XPPOWER-WA302 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA303 XPPOWER-WA303 Datasheet
78Kb / 2P
DC-DC Power Supplies
WA304 XPPOWER-WA304 Datasheet
78Kb / 2P
DC-DC Power Supplies
More results

Similar Description - WA30

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3602A GENERAL-C3602A Datasheet
72Kb / 1P
2C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3603A GENERAL-C3603A Datasheet
72Kb / 1P
3C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3604A GENERAL-C3604A Datasheet
73Kb / 1P
4C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3605A GENERAL-C3605A Datasheet
73Kb / 1P
5C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3606A GENERAL-C3606A Datasheet
72Kb / 1P
6C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3607A GENERAL-C3607A Datasheet
73Kb / 1P
7C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3608A GENERAL-C3608A Datasheet
73Kb / 1P
8C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3610A GENERAL-C3610A Datasheet
73Kb / 1P
10C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
logo
Laird Tech Smart Techno...
385911-015 LSTD-385911-015 Datasheet
868Kb / 5P
Nextreme™ Performance Chiller NRC2400-A1-20-ST1
06-01-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com