Electronic Components Datasheet Search
  English  ▼

X  

WA62 Datasheet(PDF) 1 Page - FLEXTRAL

Part # WA62
Description  WA62 Clear PVC Suction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

WA62 Datasheet(HTML) 1 Page - FLEXTRAL

  WA62 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WA62 Clear PVC Suction
www.
.com
WA62 Clear PVC Suction Assemblies
V04.21
Application:
Construction, mining, agricultural, and quarry supply lines. Wellpoint systems, agri-foam systems,
liquid fertilization, and septic tanks.
Construction:
Tube - Clear PVC
Reinforcement - PVC helix
Cover - Smooth, clear PVC
Temperature Range:
-11ºC to +60ºC (-13ºF to +140ºF)
Part No.
I.D.
Inches
O.D.
Inches
Vacuum Inches
Hg. @70ºF
Max W.P.
PSI @70ºF
Weight
lbs / ft
Standard
Lengths
WA62-075
C\v
0.95
Full
86
0.19
100’
WA62-100
1
1.25
Full
86
0.26
100’
WA62-125
1Z\v
1.44
Full
65
0.35
100’
WA62-150
1Z\x
1.83
Full
65
0.48
100’
WA62-200
2
2.24
Full
60
0.66
100’
WA62-250
2Z\x
2.80
Full
60
0.87
100’
WA62-300
3
3.31
Full
50
1.24
100’
WA62-400
4
4.39
Full
45
1.85
100’
WA62-500
5
5.55
28
33
2.42
100’
WA62-600
6
6.67
28
33
3.39
100’
WA62-800
8
8.93
28
28
5.97
20’
WA62-1000
10
11.56
28
25
9.73
20’
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
WA62-200CE020-AL
2" x 20'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA62-300CE020-AL
3" x 20'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA62-400CE020-AL
4" x 20'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA62-600CE010-AL
6" x 10'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA62-600CE020-AL
6" x 20'
Fem Cam Alum.
Male Cam Alum.
Preformed Band
WA62-800CE010-AL-__*
8" x 10'
Fem Cam Alum. - 1 or 2 Male Cam Alum. - 1 or 2 Preformed Band
WA62-800CE020-AL-__*
8" x 20'
Fem Cam Alum. - 1 or 2 Male Cam Alum. - 1 or 2 Preformed Band
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
WA62-200CM020-AL
2" x 20'
Fem Cam Alum.
M-NPT
Preformed Band
WA62-300CM020-AL
3" x 20'
Fem Cam Alum.
M-NPT
Preformed Band
WA62-400CM020-AL
4" x 20'
Fem Cam Alum.
M-NPT
Preformed Band
WA62-600CM010-AL
6" x 10'
Fem Cam Alum.
M-NPT
Preformed Band
WA62-600CM020-AL
6" x 20'
Fem Cam Alum.
M-NPT
Preformed Band
WA62-800CM010-AL-__*
8" x 10'
Fem Cam Alum. - 1 or 2
M-NPT
Preformed Band
WA62-800CM020-AL-__*
8" x 20'
Fem Cam Alum. - 1 or 2
M-NPT
Preformed Band
*Call for additional fittings, lengths and assemblies.
*Specify (N)=Type 1 for NECO Style or (P)=Type 2 for PT Style. See Page 174 for Detailed Type Explanation.


Similar Part No. - WA62

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
WA6 JAE-WA6 Datasheet
336Kb / 5P
0.4mm pitch Board to Board connector
logo
FLEXTRAL
WA60 FLEXTRAL-WA60 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
WA60-075 FLEXTRAL-WA60-075 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
WA60-100 FLEXTRAL-WA60-100 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
WA60-1000 FLEXTRAL-WA60-1000 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
More results

Similar Description - WA62

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1376604 FESTO-1376604 Datasheet
80Kb / 1P
Vacuum suction cup
6/7/22
1377752 FESTO-1377752 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
1396067 FESTO-1396067 Datasheet
91Kb / 1P
Vacuum suction cup
6/7/22
34586 FESTO-34586 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
34587 FESTO-34587 Datasheet
85Kb / 1P
Vacuum suction cup
6/7/22
189284 FESTO-189284 Datasheet
96Kb / 1P
Vacuum suction cup
6/10/22
189291 FESTO-189291 Datasheet
85Kb / 1P
Vacuum suction cup
6/10/22
189292 FESTO-189292 Datasheet
97Kb / 1P
Vacuum suction cup
6/10/22
189325 FESTO-189325 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
189327 FESTO-189327 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com