Electronic Components Datasheet Search
  English  ▼

X  

WA75 Datasheet(PDF) 1 Page - FLEXTRAL

Part # WA75
Description  WA75 Liquid Suction & Pump Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

WA75 Datasheet(HTML) 1 Page - FLEXTRAL

  WA75 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WA75 Liquid Suction & Pump Hose
www.
.com
V04.21
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches @70ºF
Vacuum Inches
Hg. @70ºF
Weight
lbs / ft
Standard
Lengths
WA75-150
1Z\x
2.17
26
3.7
29.0
0.35
25’/50’
WA75-200
2
2.76
17
5.0
29.0
0.65
25’/50’
WA75-300
3
4.06
12
8.0
29.0
1.20
25’/50’
WA75-400
4
5.15
7
9.5
29.0
1.60
25’/50’
Application:
Improved double helix design allows for superior flexibilty and durabiliy even in sub-zero
temperatures. Designed to provide maximum abrasion protection for sewer jetting hose,
expensive camera and utility inspection equipment. Recommended for light-bulk material
handling applications.
Construction:
Tube - Yellow polyethylene
Cover - Black and yellow, tough abrasion resistant polyethylene
Ends - Cuffed Ends
Temperature Range:
-40ºC to +60ºC (-40ºF to +140ºF)


Similar Part No. - WA75

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700/2700RPSMA PULSE-WA700/2700RPSMA Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700/2700RPSMA PULSE-WA700/2700RPSMA Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700/2700SMA PULSE-WA700/2700SMA Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700/2700SMA PULSE-WA700/2700SMA Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
More results

Similar Description - WA75

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DP0V-0000 RALSTON-DP0V-0000 Datasheet
321Kb / 1P
DP0V pump, no gauge adapter, with hose and process connection
DPPV-0000 RALSTON-DPPV-0000 Datasheet
319Kb / 1P
DPPV pump, no gauge adapter, with hose and process connection
DV0V-0000 RALSTON-DV0V-0000 Datasheet
321Kb / 1P
DV0V pump, no gauge adapter, with hose and process connection
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
XHGV-5KPSIG-D RALSTON-XHGV-5KPSIG-D Datasheet
566Kb / 2P
XHGV (5000 psi / 350 bar) pump, 5000 psi digital gauge, 3ft hose, 1/4
QTHP-0004 RALSTON-QTHP-0004 Datasheet
270Kb / 1P
HP, XH pump liquid reservoir bolt, washer and o-ring
QTHP-0006 RALSTON-QTHP-0006 Datasheet
320Kb / 1P
HP, XH pump liquid reservoir top casting, brass
logo
List of Unclassifed Man...
NNR110A ETC2-NNR110A Datasheet
916Kb / 4P
LIQUID LEVEL CONTROL PUMP UP OR DOWN SWITCH SELECTABLE
logo
SparkFun Electronics
ROB-10455 SPARKFUN-ROB-10455 Datasheet
179Kb / 2P
Liquid Pump - 350GPH (12v)
9??8??7
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com