Electronic Components Datasheet Search
  English  ▼

X  

WB40 Datasheet(PDF) 1 Page - FLEXTRAL

Part # WB40
Description  WB40 Aqua-Boss Water Blast Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

WB40 Datasheet(HTML) 1 Page - FLEXTRAL

  WB40 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WB40 Aqua-Boss Water Blast Hose
Tube: Black, synthetic oil resistant rubber
Reinforcement: Four spirals of high-tensile steel wire
Cover: Black, abrasion, weather and oil resistant nitrile rubber
Temperature: -40ºC to +80ºC (-40ºF to +176ºF)
Packaging: Coils
Application: A very high-constant pressure hose for water scaling systems and is suitable for passage of
water and aqueous solutions.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BEND
RADIUS
WEIGHT FERRULE INSERT
(in)
(in)
(mm)
(psi)
(in)
(mm)
(lbs/ft)
WB40-06
C\,
0.80
20.3
10,000
7.09
180.1
0.50
WB4-06F
WB06-06MP
WB40-08
Z\x
0.91
23.1
10,000
8.61
218.7
0.63
WB4-08F
WB08-08MP
WB40-12
C\v
1.24
31.5
10,000
11.02
279.9
1.10
WB4-12F
WB12-12MP
WB40-16
1
1.50
38.1
10,000
14.00 355.6
1.46
WB4-16F
WB16-16MP
*Factory Assembly Only.
*Fully tested and certified per EN 1829-2.
www.
.com


Similar Part No. - WB40

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WB40NBT LSTD-WB40NBT Datasheet
950Kb / 26P
This document describes key hardware aspects of the Laird SDC-WB40NBT wireless bridge module
More results

Similar Description - WB40

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
1M1M-HOS-3FT RALSTON-1M1M-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
2S2S-HOS-3FT RALSTON-2S2S-HOS-3FT Datasheet
290Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
logo
Bud Industries, Inc.
PMB-11282 BUD-PMB-11282 Datasheet
46Kb / 1P
MOUNTING BOSS KIT, ADAPTER BRACKET
logo
List of Unclassifed Man...
PT-11664 ETC2-PT-11664 Datasheet
39Kb / 1P
MOUNTING BOSS KIT
logo
KODENSHI_AUK CORP.
LG217L KODENSHI-LG217L Datasheet
154Kb / 3P
With an installation positioning boss
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
With the installation positioning boss
LG2A02L2-D2 KODENSHI-LG2A02L2-D2 Datasheet
162Kb / 3P
with an installation positioning boss
logo
Eaton All Rights Reserv...
MPL5271 EATON-MPL5271 Datasheet
94Kb / 2P
Eaton power pedestal water assemblies, Stainless steel silcock (hose bib),Stainless steel, 3/4 in
2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com