Electronic Components Datasheet Search
  English  ▼

X  

ZX-08 Datasheet(PDF) 1 Page - FLEXTRAL

Part # ZX-08
Description  ZX Air Conditioning (Standard Barrier)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

ZX-08 Datasheet(HTML) 1 Page - FLEXTRAL

  ZX-08 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZX Air Conditioning (Standard Barrier)
Meets or exceeds J2064 “Type C Class II” Hose Performance.
Tube: Chloroprene
Reinforcement: Two-spiral polyester
Barrier: Nyon
Cover: Black EPDM
Temperature: -40°C to +135°C (-40°F to +275°F)
Packaging: Reels
Application: R12 / R134a refrigerants.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT ONE PIECE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
ZX-06
B\zn
0.75
19.1
500
2,000
0.6
16
0.20
Z
ZX-08
ZC\₃₂
0.91
23.0
500
2,000
1.0
25
0.28
Z
ZX-10
Z|₂
1.00
25.4
500
2,000
1.3
32
0.33
Z
ZX-12
B\,
1.13
28.6
350
1,750
2.0
50
0.38
Z
www.
.com
V04.21


Similar Part No. - ZX-08

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
ZX-J-1-C7-MP-I LABFACILITY-ZX-J-1-C7-MP-I Datasheet
823Kb / 4P
Hermetically Sealed Wire Thermocouple with Bare Tails or Miniature Plug Termination – Type K, J, T – 1m, 2m, 5m - IEC
Nov-23
ZX-J-1-C7-T-I LABFACILITY-ZX-J-1-C7-T-I Datasheet
823Kb / 4P
Hermetically Sealed Wire Thermocouple with Bare Tails or Miniature Plug Termination – Type K, J, T – 1m, 2m, 5m - IEC
Nov-23
ZX-J-2-C7-MP-I LABFACILITY-ZX-J-2-C7-MP-I Datasheet
823Kb / 4P
Hermetically Sealed Wire Thermocouple with Bare Tails or Miniature Plug Termination – Type K, J, T – 1m, 2m, 5m - IEC
Nov-23
ZX-J-2-C7-T-I LABFACILITY-ZX-J-2-C7-T-I Datasheet
823Kb / 4P
Hermetically Sealed Wire Thermocouple with Bare Tails or Miniature Plug Termination – Type K, J, T – 1m, 2m, 5m - IEC
Nov-23
ZX-J-5-C7-MP-I LABFACILITY-ZX-J-5-C7-MP-I Datasheet
823Kb / 4P
Hermetically Sealed Wire Thermocouple with Bare Tails or Miniature Plug Termination – Type K, J, T – 1m, 2m, 5m - IEC
Nov-23
More results

Similar Description - ZX-08

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
Air sensor for air conditioning
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
Evaporator sensor for air conditioning systems
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
Used in household appliances like air conditioning
logo
Omron Electronics LLC
ZX-LD100L OMRON-ZX-LD100L Datasheet
899Kb / 10P
Smart Sensors (Laser Type) ZX Series (ZX-L-N)
logo
List of Unclassifed Man...
G903AD-DC110 ETC1-G903AD-DC110 Datasheet
40Kb / 2P
Electric Heater,Air Conditioning, Automotive, Refrigeration Refrigeration, Appliances, Ventilator
logo
II-VI Marlow, Inc.
CTA305-0001-01 VIMARLOW-CTA305-0001-01 Datasheet
355Kb / 2P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
logo
EXCEL CELL ELECTRONIC C...
2T25X4 ECE-2T25X4 Datasheet
726Kb / 2P
Air Conditioning Damper Actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com