Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG108E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9FG108E
Description  FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG108E Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9FG108E Datasheet HTML 1Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 2Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 3Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 4Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 5Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 6Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 7Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 8Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ICS9FG108E
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
IDT®
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
3
ICS9FG108E
REV C 102912
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
REFOUT
OUT
Reference Clock output
6
vFS2
IN
Frequency select pin. This pin has an internal 120k pull down resistor
7vOE_7
IN
Active high input for enabling output 7. This pin has a 120kohm pull down.
0 = tri-state outputs, 1= enable outputs
8
DIF_7
OUT
0.7V differential true clock output
9
DIF_7#
OUT
0.7V differential Complementary clock output
10
VDD
PWR
Power supply, nominal 3.3V
11
DIF_6
OUT
0.7V differential true clock output
12
DIF_6#
OUT
0.7V differential Complementary clock output
13
^OE_6
IN
Active high input for enabling output 6. This pin has an internal 120kohm pull up.
0 = tri-state outputs, 1= enable outputs
14
VDD
PWR
Power supply, nominal 3.3V
15
GND
PWR
Ground pin.
16
^OE_5
IN
Active high input for enabling output 5. This pin has an internal 120kohm pull up.
0 = tri-state outputs, 1= enable outputs
17
DIF_5
OUT
0.7V differential true clock output
18
DIF_5#
OUT
0.7V differential Complementary clock output
19
VDD
PWR
Power supply, nominal 3.3V
20
DIF_4
OUT
0.7V differential true clock output
21
DIF_4#
OUT
0.7V differential Complementary clock output
22
vOE_4
IN
Active high input for enabling output 4. This pin as an internal 120kohm pull down.
0 = tri-state outputs, 1= enable outputs
23
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
24
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
Note:
^ indicates internal 120K pull up
v indicates internal 120K pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com