Electronic Components Datasheet Search
  English  ▼

X  

TDA7388A Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7388A
Description  4 x 42W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7388A Datasheet HTML 2Page - STMicroelectronics TDA7388A Datasheet HTML 3Page - STMicroelectronics TDA7388A Datasheet HTML 4Page - STMicroelectronics TDA7388A Datasheet HTML 5Page - STMicroelectronics TDA7388A Datasheet HTML 6Page - STMicroelectronics TDA7388A Datasheet HTML 7Page - STMicroelectronics TDA7388A Datasheet HTML 8Page - STMicroelectronics TDA7388A Datasheet HTML 9Page - STMicroelectronics TDA7388A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical specifications
TDA7388A
6/13
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
18
V
VS (DC)
DC supply voltage
28
V
VS (pk)
Peak supply voltage (t = 50ms)
50
V
IO
Output peak current:
Repetitive (duty cycle 10% at f = 10Hz)
Non repetitive (t = 100
μs)
4.5
5.5
A
A
Ptot
Power dissipation, (Tcase = 70°C)
80
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature
– 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance junction to ambient
max.
1
°C/W
Table 4.
Electrical characteristics
(VS = 14.4V; f = 1KHz; Rg = 600Ω; RL = 4Ω;Tamb = 25°C; Refer to the test and application
diagram (Figure 2), unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent current
RL = ∞
100
190
350
mA
VOS
Output offset voltage
Play mode
±100
mV
dVOS
During mute ON/OFF output
offset voltage
ITU R-ARM weighted
see Figure 11
-10
+10
mV
During St-By ON/OFF
output offset voltage
-50
+50
mV
Gv
Voltage gain
25
26
27
dB
ΔG
v
Channel gain unbalance
±1
dB
Po
Output power
THD = 10%; VS = 14.4V
25
27
W
Po max
Max.output power(1)
VS = 14.4V
39
42
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com