Electronic Components Datasheet Search
  English  ▼

X  

SB1 Datasheet(PDF) 1 Page - Pro-Power

Part # SB1
Description  Surface Boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

SB1 Datasheet(HTML) 1 Page - Pro-Power

  SB1 Datasheet HTML 1Page - Pro-Power SB1 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Boxes
Page 1
01/02/08 V1.0
Features:
• Manufactured in white U-PVC and available with both round and square
corners.
• 1 gang available with either Conduit or Mini Trunking knockouts.
• 2 Gang incorporates both Conduit and Mini Trunking knockouts.
Description
Corner Type
Depth
Pack Size
Part Number
1 Gang Mini Knockout
Round
32
10
SB1/C/RC
2 Gang Universal Box
SB2/RC
1 Gang Mini Knockout
Square
SB1/M/SC
1 Gang Mini Knockout
SB1/C/SC
2 Gang Universal Box
SB2/SC
Specifications
Dimensions : Millimetres
1 Gang


Similar Part No. - SB1

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB1 GREATECS-SB1 Datasheet
287Kb / 2P
8 mm Slide Switches
logo
Cooper Bussmann, Inc.
SB1-D COOPER-SB1-D Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
SB1-DMS COOPER-SB1-DMS Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
15V, 1A Rectifier
More results

Similar Description - SB1

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
List of Unclassifed Man...
A508 ETC2-A508 Datasheet
104Kb / 2P
Surface Mount Back Boxes
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
logo
PANDUIT CORP.
CBX1IW-A PANDUIT-CBX1IW-A Datasheet
1Mb / 1P
Mini-Com짰 Surface Mount Boxes
NK2BXIW-A PANDUIT-NK2BXIW-A Datasheet
182Kb / 2P
NetKey??Surface Mount Boxes
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-V112 PF-V1-8A-E2-V112 Datasheet
885Kb / 2P
Splitter boxes
2022-06-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com