| Electronic Components Datasheet Search |
|
PN2222 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PN2222 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 6 page ![]() DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 4.32 4.95 0.170 0.195 b 0.36 0.51 0.014 0.020 D 4.45 4.95 0.175 0.194 E 3.30 3.94 0.130 0.155 e 2.41 2.67 0.095 0.105 e1 1.14 1.40 0.045 0.055 L 12.70 15.49 0.500 0.609 R 2.16 2.41 0.085 0.094 S1 1.14 1.52 0.045 0.059 W 0.41 0.56 0.016 0.022 V 4 degree 6 degree 4 degree 6 degree TO-92 MECHANICAL DATA PN2222A 4/6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |