Electronic Components Datasheet Search
  English  ▼

X  

ICS853S12 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS853S12
Description  LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S12 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS853S12 Datasheet HTML 1Page - Renesas Technology Corp ICS853S12 Datasheet HTML 2Page - Renesas Technology Corp ICS853S12 Datasheet HTML 3Page - Renesas Technology Corp ICS853S12 Datasheet HTML 4Page - Renesas Technology Corp ICS853S12 Datasheet HTML 5Page - Renesas Technology Corp ICS853S12 Datasheet HTML 6Page - Renesas Technology Corp ICS853S12 Datasheet HTML 7Page - Renesas Technology Corp ICS853S12 Datasheet HTML 8Page - Renesas Technology Corp ICS853S12 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO-
3.3V, 2.5V LVPECL FANOUT BUFFER
ICS853S12I
IDT™ / ICS™ LVPECL FANOUT BUFFER
1
ICS853S12AKI REV. A MAY 21, 2008
GENERAL DESCRIPTION
The ICS853S12I is a low skew, 1-to-12 Differential-
to-3.3V, 2.5V LVPECL Fanout Buffer and a member
of the HiPerClockS™ family of High Performance
Clock Solutions from IDT. The PCLK, nPCLK pair
accepts LVPECL, CML, and SSTL differential input
levels. The high gain differential amplifier accepts peak-to-peak
input voltages as small as 150mV, as long as the common mode
voltage is within the specified minimum and maximum range.
Guaranteed output and part-to-part skew characteristics make
the ICS853S12I ideal for those clock distribution applications
demanding well defined performance and repeatability.
FEATURES
• Twelve differential 3.3V, 2.5V LVPECL outputs
• PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following differential
input levels: LVPECL, CML, SSTL
• Maximum output frequency: 1.5GHz
• Translates any single-ended input signal to 2.5V or 3.3V
LVPECL levels with a resistor bias on nPCLK input
• Additive phase jitter, RMS: 0.06ps (typical)
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 680ps (maximum)
• Full 3.3V or 2.5V operating supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
24
23
22
21
20
19
18
17
nQ7
Q7
nQ6
Q6
nQ5
Q5
nQ4
Q4
Q11
nQ11
VEE
PCLK
nPCLK
VEE
Q0
nQ0
ICS853S12I
32-Lead VFQFN
5mm x 5mm x 0.925mm
package body
K Package
Top View
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
PCLK
nPCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q11
nQ11
Q10
nQ10
Q9
nQ9
Q8
nQ8
Q7
nQ7
Q6
nQ6
Pullup/Pulldown
Pulldown


Similar Part No. - ICS853S12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
Maximum output frequency
logo
Renesas Technology Corp
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results

Similar Description - ICS853S12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Integrated Device Techn...
ICS853S024 IDT-ICS853S024 Datasheet
748Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com