Electronic Components Datasheet Search
  English  ▼

X  

ADS5525 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5525
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5525 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS5525 Datasheet HTML 35Page - Texas Instruments ADS5525 Datasheet HTML 36Page - Texas Instruments ADS5525 Datasheet HTML 37Page - Texas Instruments ADS5525 Datasheet HTML 38Page - Texas Instruments ADS5525 Datasheet HTML 39Page - Texas Instruments ADS5525 Datasheet HTML 40Page - Texas Instruments ADS5525 Datasheet HTML 41Page - Texas Instruments ADS5525 Datasheet HTML 42Page - Texas Instruments ADS5525 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
www.ti.com
DDR LVDS Outputs
CLKOUTP
LOW_D0_P
D1_D2_P
D3_D4_P
D5_D6_P
D7_D8_P
D9_D10_P
OVR
Pins
OutputClock
DataBitsLow,D0
DataBitsD1,D2
DataBitsD3,D4
DataBitsD5,D6
DataBitsD7,D8
DataBitsD9,D10
Out-of-RangeIndicator
CLKOUTM
LOW_D0_M
D1_D2_M
D3_D4_M
D5_D6_M
D7_D8_M
D9_D10_M
ADS5517
SLWS203 – DECEMBER 2007
In this mode, the 11 data bits and the output clock are available as LVDS (Low Voltage Differential Signal) levels.
Two successive data bits are multiplexed and output on each LVDS differential pair as shown in Figure 42. So,
there are 6 LVDS output pairs for the 11 data bits and 1 LVDS output pair for the output clock.
Figure 42. DDR LVDS Outputs
Even data bits D0, D2, D4, D6, D8, and D10 are output at the rising edge of CLKOUTP and the odd data bits D1,
D3, D5, D7, and D9 are output at the falling edge of CLKOUTP. Both the rising and falling edges of CLKOUTP
must be used to capture all the 11 data bits (see Figure 43).
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com