Electronic Components Datasheet Search
  English  ▼

X  

SPC19908 Datasheet(PDF) 1 Page - Pro-Power

Part # SPC19908
Description  AC Power Extension Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

SPC19908 Datasheet(HTML) 1 Page - Pro-Power

  SPC19908 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
20/08/13
AC Power Extension Cable
Specifications:
Cable
: SVT 18AWG × 3C 60°C
Colour
: Black
Connector
: CL-104/CL-105
Voltage Rating
: 125V
Current Rating
: 10A
Cable Length
: 305 ± 25.4mm
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
AC Power Extension Cable, 1ft
SPC19908


Similar Part No. - SPC19908

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SPC19909 PROPOWER-SPC19909 Datasheet
187Kb / 1P
AC Power Extension Cable
V1.0 20/08/13
More results

Similar Description - SPC19908

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK377-R ASSMANN-AK377-R Datasheet
134Kb / 1P
VGA Moniter Extension Cable
AK528-5-R ASSMANN-AK528-5-R Datasheet
251Kb / 1P
PS2 EXTENSION CABLE
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
UC-30GM-PROG PF-UC-30GM-PROG Datasheet
412Kb / 2P
Extension cable
CBL-IDMX6X-DB-J1-S-C30-N0 PF-CBL-IDMX6X-DB-J1-S-C30-N0 Datasheet
320Kb / 1P
Serial extension cable
CBL-IDMX6X-DB-J1-S-C60-N0 PF-CBL-IDMX6X-DB-J1-S-C60-N0 Datasheet
320Kb / 1P
Serial extension cable
CBL-IDMX6X-DB-J1-S-S30-N0 PF-CBL-IDMX6X-DB-J1-S-S30-N0 Datasheet
379Kb / 1P
Serial extension cable
CBL-IDMX6X-DB-J1-S-S60-N0 PF-CBL-IDMX6X-DB-J1-S-S60-N0 Datasheet
379Kb / 1P
Serial extension cable
logo
Omega Engineering, Inc.
4KX20PP OMEGA-4KX20PP Datasheet
9Mb / 1P
Multipair Extension Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com