Electronic Components Datasheet Search
  English  ▼

X  

SC204A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC204A
Description  A dot-matrix character LCD module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC204A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC204A Datasheet HTML 1Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 2Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 3Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 4Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 5Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 6Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 7Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 8Page - List of Unclassifed Manufacturers SC204A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SC204A
VER2.1
b.2) AC CHARACTERISTICS (ta = 25°C, VDD = 4.5 to 5.5V)
Write Mode (Writing Data from MPU to LCD module)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
E Cycle Time
tc
400
ns
PinE
E Pulse Width
tpw
150
-
-
ns
PinE
E Rise/Fall Time
tR,tF
-
-
25
ns
PinE
Address Setup Time
tsp-i
30
ns
Pins: RS, R/W, E
Address Hold Time
tHD1
10
ns
Pins: RS, R/W, E
Data Setup Time
tsP2
40
ns
Pins: DB7-0
Data Hold Time
tHD2
10
-
-
ns
Pins: DB7-0
Read Mode (Reading Data from LCD module to MPU)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
E Cycle Time
tc
400
ns
Pin E
E Pulse Width
tw
150
ns
Pin E
E Rise/Fall Time
tR,tF
25
ns
Pin E
Address Setup Time
tsp-i
30
ns
Pins: RS, R/W,E
Address Hold Time
tHD1
10
ns
Pins: RS, R/W,E
Data Output Delay Time
tD
100
ns
Pins: DB7-0
Data hold time
tHD2
20
-
-
ns
Pin DB7-0
c) EL backlight
EL ,Cold Cathode Fluorescent Lamp and LED etc, are available as backlight for LCD Module
upon your choice ,your request.
1.EL
(1)
Features
Max 1.3mm thickness (Max 1.5mm for lead portion).
Wide driving condition of 60-1000Hz and 150V AC Max .with inverter , step-up voltage from 1.5V
battery is available.
Emitted colors are blue-green and white .
Operating characteristics
(2)
Electrical Characteristics
Life Characteristics
Voltage vs. Brightness
Voltage vs. Current Density
d) LED backlight
(1)
Features
Low voltage driving (DC) is available without inverter.
0
50
100
150
200
50
100
150
50HZ
400HZ
1KHZ
Voltage (Vrms)
04
Voltage (Vrms)
100
50
0
02
150
50HZ
06
08
400HZ
1KHZ
10
Time (h)
0
100
100
200
300
400
500
50
100V/400HZ
100V/700HZ
100V/50HZ
Ambient Condition: 50°
C 90% RH
Constant Voltage /Frequency Drive
Inverter Drive
Current Density
Power consumption
Akihabara Inc. www.akiba-tech.com
Page 5 of 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com