Electronic Components Datasheet Search
  English  ▼

X  

83-17548 Datasheet(PDF) 1 Page - Pro-Signal

Part # 83-17548
Description  Quad LCD VESA Desk Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

83-17548 Datasheet(HTML) 1 Page - Pro-Signal

  83-17548 Datasheet HTML 1Page - Pro-Signal 83-17548 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
14/12/18
Quad LCD VESA Desk Mount
Features
• Two mounting options both desk clamp and grommet are included
• 360° Rotary VESA plate for more viewing experience
• Freely adjusting height for an optimal ergonomic position
• Cable management keeps everything organized
Specifications
Type
: Articulating Monitor Arm
Material
: Aluminium, Steel
Surface Finish
: Powder Coating
Colour
: Slate Black
Dimensions
: 726mm × 116mm × 900mm (28.6″ × 4.6″ × 35.4″)
Installation
: Grommet, Clamp
Suggested Screen Size
: 13″ – 27″
Screen Quantity
: 4
Monitor Weight Capacity (per screen) : 8kg (17.6lbs)
VESA Compatible
: 75 × 75, 100 × 100
Tilt Range
: +45° to -45°
Swivel Range
: +90° to -90°
Screen Rotation
: +180° to -180°
Arm Full Extension
: 328mm (12.9″)
Pole Height
: 800mm (31.5″)
Suggested Desktop Thickness
: Clamp: 10mm to 88mm / Grommet: 10mm to 80mm
Quick Release VESA Plate
: No
Cable Management
: Yes
Anti-theft
: No
Instruction Manual Included
: Yes
Description
The 83-17548 allows you to clear out your desk surface, while providing an
ergonomic working position. It is designed to use with 13″ – 27″ monitors. The
weight capability is 8kg/17.6Ibs for each arm. Full motion structure allows maximum
flexibility - extends, tilt and swivel your monitor up to 90° left and right for easy
viewing. Its ball-joint structure allows smooth, effortless rotating and positioning for
any direction, making it easy to reduce glare and find the perfect viewing angle. You
can also adjust the monitor vertically to a desired position. Besides, cable clip is
included for organizing cables.


Similar Part No. - 83-17548

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
83-17544 PROSIGNAL-83-17544 Datasheet
241Kb / 1P
Desk Mounted LCD Mount with Keyboard Tray
V1.0 13/09/21
83-17544. PROSIGNAL-83-17544. Datasheet
241Kb / 1P
Desk Mounted LCD Mount with Keyboard Tray
V1.0 13/09/21
More results

Similar Description - 83-17548

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
DSB-500-860 AXIOMTEK-DSB-500-860 Datasheet
267Kb / 1P
Supports wall mount and VESA mount
DSB-500-870HM AXIOMTEK-DSB-500-870HM Datasheet
273Kb / 1P
Supports wall mount and VESA mount
GOT615-801 AXIOMTEK-GOT615-801 Datasheet
333Kb / 2P
Supports VESA mount
GOT808-801 AXIOMTEK-GOT808-801 Datasheet
334Kb / 2P
Supports VESA mount
GOT812 AXIOMTEK-GOT812 Datasheet
300Kb / 2P
Supports suspension and VESA mount
logo
Tripp Lite. All Rights ...
DDR1026MQ TRIPPLITE-DDR1026MQ Datasheet
514Kb / 2P
Quad Desk Mount for 10" to 26" Flat-Screen Displays
logo
Axiomtek Co., Ltd.
DSB500-860 AXIOMTEK-DSB500-860 Datasheet
292Kb / 1P
Supports wall mount and VESA mount
DSB500-870HM AXIOMTEK-DSB500-870HM Datasheet
336Kb / 1P
Supports wall mount and VESA mount
DSB500-871HM AXIOMTEK-DSB500-871HM Datasheet
285Kb / 1P
Supports wall mount and VESA mount
P6157W AXIOMTEK-P6157W Datasheet
282Kb / 2P
Supports panel mount, wall mount, VESA mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com