Electronic Components Datasheet Search
  English  ▼

X  

ADG824 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG824
Description  0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG824 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG824 Datasheet HTML 8Page - Analog Devices ADG824 Datasheet HTML 9Page - Analog Devices ADG824 Datasheet HTML 10Page - Analog Devices ADG824 Datasheet HTML 11Page - Analog Devices ADG824 Datasheet HTML 12Page - Analog Devices ADG824 Datasheet HTML 13Page - Analog Devices ADG824 Datasheet HTML 14Page - Analog Devices ADG824 Datasheet HTML 15Page - Analog Devices ADG824 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG824
Rev. 0 | Page 13 of 16
TERMINOLOGY
IDD
Positive supply current.
VD (VS)
Analog voltage on Terminal D and Terminal S.
RON
Ohmic resistance between Terminal D and Terminal S.
RFLAT (On)
The difference between the maximum and minimum values of
on resistance as measured on the switch.
ΔRON
On resistance match between any two channels.
IS (Off)
Source leakage current with the switch off.
ID (Off)
Drain leakage current with the switch off.
ID, IS (On)
Channel leakage current with the switch on.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CS (Off)
Off switch source capacitance. Measured with reference
to ground.
CD, CS (On)
On switch capacitance. Measured with reference to ground.
CIN
Digital input capacitance.
tON
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF
Delay time between the 50% and 90% points of the digital input
and switch off condition.
tBBM
On or off time measured between the 80% points of both
switches when switching from one to another.
Charge Injection
Measure of the glitch impulse transferred from the digital input
to the analog output during on/off switching.
Off Isolation
Measure of unwanted signal coupling through an off switch.
Crosstalk
Measure of unwanted signal that is coupled from one channel to
another as a result of parasitic capacitance.
−3 dB Bandwidth
Frequency at which the output is attenuated by 3 dB.
Insertion Loss
The loss due to the on resistance of the switch.
THD + N
Ratio of the harmonics amplitude plus noise of a signal to the
fundamental.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com