Electronic Components Datasheet Search
  English  ▼

X  

SN74F541 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F541
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F541 Datasheet(HTML) 3 Page - Texas Instruments

  SN74F541 Datasheet HTML 1Page - Texas Instruments SN74F541 Datasheet HTML 2Page - Texas Instruments SN74F541 Datasheet HTML 3Page - Texas Instruments SN74F541 Datasheet HTML 4Page - Texas Instruments SN74F541 Datasheet HTML 5Page - Texas Instruments SN74F541 Datasheet HTML 6Page - Texas Instruments SN74F541 Datasheet HTML 7Page - Texas Instruments SN74F541 Datasheet HTML 8Page - Texas Instruments SN74F541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54F541, SN74F541
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SDFS021A – D3126, JANUARY 1989 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F541
SN74F541
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
IOH = – 3 mA
2.4
3.3
2.4
3.3
VOH
VCC = 4.5 V
IOH = – 12 mA
2
3.2
V
VOH
IOH = – 15 mA
2
3.1
V
VCC = 4.75 V,
IOH = – 3 mA
2.7
VOL
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–50
–50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
– 100
– 225
– 100
– 225
mA
Outputs high
28
35
28
35
ICC
VCC = 5.5 V
Outputs low
62
75
62
75
mA
Outputs disabled
40
55
40
55
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
(INPUT)
(OUTPUT)
′F541
SN54F541
SN74F541
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
Any A
Y
1.5
3.3
5.5
1
6.5
1.5
6
ns
tPHL
Any A
Y
1.5
2.7
5.5
1
6.5
1.5
6
ns
tPZH
OE
Y
3
5.8
8
1.7
10
2.5
9.5
ns
tPZL
OE
Y
3.5
6.1
8.5
2.2
10
3
9.5
ns
tPHZ
OE
Y
1.5
3.4
6
1
7
1.5
6.5
ns
tPLZ
OE
Y
1.5
2.9
5.5
1
7.5
1.5
6
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com