Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT7806 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT7806
Description  256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7806 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT7806 Datasheet HTML 1Page - Texas Instruments SN74ACT7806 Datasheet HTML 2Page - Texas Instruments SN74ACT7806 Datasheet HTML 3Page - Texas Instruments SN74ACT7806 Datasheet HTML 4Page - Texas Instruments SN74ACT7806 Datasheet HTML 5Page - Texas Instruments SN74ACT7806 Datasheet HTML 6Page - Texas Instruments SN74ACT7806 Datasheet HTML 7Page - Texas Instruments SN74ACT7806 Datasheet HTML 8Page - Texas Instruments SN74ACT7806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74ACT7806
256
× 18
STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS438C – APRIL 1992 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Q0 – Q17
AF/AE
HF
OE
D0–D17
UNCK
LDCK
RESET
PEN
EMPTY
FULL
Status-
Flag
Logic
Read
Pointer
Reset
Logic
Location 1
Location 2
Location 255
Location 256
256
× 18 SRAM
Write
Pointer
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AF/AE
24
O
Almost-full/almost-empty flag. Depth-offset values can be programmed for AF/AE, or the default value
of 32 can be used for both the almost-empty offset (X) and the almost-full offset (Y). AF/AE is high when
memory contains X or fewer words or (256 – Y) or more words. AF/AE is high after reset.
D0–D17
2–9, 11–12,
12–14
I
18-bit data input port
EMPTY
29
O
Empty flag. EMPTY is high when the FIFO memory is not empty; EMPTY is low when the FIFO memory
is empty or upon assertion of RESET.
FULL
28
O
Full flag. FULL is high when the FIFO memory is not full or upon assertion of RESET; FULL is low when
the FIFO memory is full.
HF
22
O
Half-full flag. HF is high when the FIFO memory contains 128 or more words. HF is low after reset.
LDCK
25
I
Load clock. Data is written to the FIFO on the rising edge of LDCK when FULL is high.
OE
56
I
Output enable. When OE is high, the data outputs are in the high-impedance state.
PEN
23
I
Program enable. After reset and before the first word is written to the FIFO, the binary value on D0–D6
is latched as an AF/AE offset value when PEN is low and WRTCLK is high.
Q0–Q17
33–34, 36–38,
40–43, 45–49,
51, 53–55
O
18-bit data output port
RESET
1
I
Reset. A low level on this input resets the FIFO and drives FULL high and HF and EMPTY low.
UNCK
32
I
Unload clock. Data is read from the FIFO on the rising edge of UNCK when EMPTY is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com