Electronic Components Datasheet Search
  English  ▼

X  

RBO08-40G Datasheet(PDF) 6 Page - STMicroelectronics

Part # RBO08-40G
Description  REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO08-40G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RBO08-40G Datasheet HTML 2Page - STMicroelectronics RBO08-40G Datasheet HTML 3Page - STMicroelectronics RBO08-40G Datasheet HTML 4Page - STMicroelectronics RBO08-40G Datasheet HTML 5Page - STMicroelectronics RBO08-40G Datasheet HTML 6Page - STMicroelectronics RBO08-40G Datasheet HTML 7Page - STMicroelectronics RBO08-40G Datasheet HTML 8Page - STMicroelectronics RBO08-40G Datasheet HTML 9Page - STMicroelectronics RBO08-40G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1
2
5
10
20
50
100
0.1
0.2
0.5
1.0
2.0
5.0
10.0
tp(ms)
Pp (kW)
Transil T2
Diode D1
p
Fig. 1 : Peak pulse power versus exponential
pulse duration (Tj initial = 85
°C).
VCL (V)
0.1
0.2
0.5
1.0
2.0
5.0 10.0 20.0
50.0 100.0
25
30
35
40
45
50
tp = 20 s
µ
tp = 1ms
Ipp(A)
Fig. 2-2 : Clamping voltage versus peak pulse
current (Tj initial = 85
°C).
Exponential waveform tp = 1 ms and tp = 20
µs
(TRANSIL T1).
0.1
0.2
0.5
1.0
5.0
10.0 20.0
50.0
25
30
35
40
45
VCL (V)
tp = 40ms
tp = 1ms
2.0
Ipp(A)
Fig. 2-1 : Clamping voltage versus peak pulse
current (Tj initial = 85
°C).
Exponential waveform tp = 40 ms and tp = 1 ms
(TRANSIL T2).
0
25
50
75
100
125
150
175
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Tj initial (
°C)
Ppp[Tj]/Ppp[Tj initial=85
°C]
Fig. 3 : Relative variation of peak pulse power
versus junction temperature.
®
RBO08-40G / RBO08-40M / RBO08-40T
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com