Electronic Components Datasheet Search
  English  ▼

X  

2056021 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2056021
Description  FUSES FOR SEMICONDUCTOR PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2056021 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2056021 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2056021 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2056021 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2056021 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2056021 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
URB
URB 13
FUSES
Electrical Characteristics
Size
Rated voltage
Operating class
Rated breaking capacity
00
AC 690/700 V
aR
600 V / 300 kA · 700 V / 200 kA
Rated
Part No.
Part No.
Part No.
Power
Pre-arcing
Total
current
with Topindicator
without Topindicator
Topindicator and
loss
l
2t-value
l
2t-value @ 660 V
fitting for microswitch
WA
2sA2s
35 A
20 189 20
20 189 21
20 412 20
8
66
360
40 A
20 189 20
20 189 21
20 412 20
10
90
500
50 A
20 189 20
20 189 21
20 412 20
12
140
770
63 A
20 189 20
20 189 21
20 412 20
14
250
1,400
80 A
20 189 20
20 189 21
20 412 20
17
470
2,600
100 A
20 189 20
20 189 21
20 412 20
21
730
4,000
125 A
20 189 20
20 189 21
20 412 20
25
1,300
7,200
160 A
20 189 20
20 189 21
20 412 20
31
2,800
15,400
180 A
20 189 20
20 189 21
20 412 20
34
4,200
23,100
200 A
20 189 20
20 189 21
20 412 20
37
5,000
27,500
250 A
20 189 20
20 189 21
20 412 20
44
8,500
46,800
315 A
20 189 20
20 189 21
20 412 20
53
15,600
86,000
350 A
20 189 20
20 189 21
20 412 20
57
20,000
110,000
400 A
20 189 20
20 189 21
20 412 20
68
28,400
156,000
Cut-off-characteristics
Time / Current Characteristics
RMS Prospective Current
Prospective Short Circuit Current
t(s)
Ic
(kA)
I(A)
I(kA)
Arc voltage-Diagram
U
L
____
V
AC
K
B
K
W
U
B
____
V
AC
U
B
____
V
AC
I
B
___
I
N
Reduction factor for total I2t-value
Reduction factor for power loss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com