Electronic Components Datasheet Search
  English  ▼

X  

371-2140 Datasheet(PDF) 1 Page - Pro-Signal

Part # 371-2140
Description  Phono Plug to Plug Lead - Coaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

371-2140 Datasheet(HTML) 1 Page - Pro-Signal

  371-2140 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phono Plug to Plug Lead - Coaxial
A composite video or digital audio
connection lead manufactured from
RG59 cable, 75Ω coaxial cable.
246209
Price Each
Length
Order Code
1.2m
371-2140
2m
371-1869
3m
371-1705
5m
371-1717
10m
371-1729
15m
425-8393
25m
425-8400


Similar Part No. - 371-2140

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
371-2151 PROSIGNAL-371-2151 Datasheet
22Kb / 1P
S-Video ,4-Pin Mini Din Leads
logo
List of Unclassifed Man...
371-2163 ETC-371-2163 Datasheet
26Kb / 1P
Two Phono Plugs to Two Phono Plugs
logo
Pro-Signal
371-2163 PROSIGNAL-371-2163 Datasheet
26Kb / 1P
Two Phono Plugs to Two Phono Plugs
371-2199 PROSIGNAL-371-2199 Datasheet
22Kb / 1P
S-Video ,4-Pin Mini Din Leads
More results

Similar Description - 371-2140

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1442 POMONA-1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
5319 POMONA-5319 Datasheet
18Kb / 1P
Adapter - BNC Female To Phono Plug
5547 POMONA-5547 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
MODEL1442 POMONA-MODEL1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
MODEL5319 POMONA-MODEL5319 Datasheet
18Kb / 1P
Adapter ??BNC Female To Phono Plug
logo
Assmann Electronics Inc...
AK302-2-R ASSMANN-AK302-2-R Datasheet
218Kb / 1P
RCA Cable - Phono Plug/Plug, 2.0M
logo
List of Unclassifed Man...
BU-P5319 ETC2-BU-P5319 Datasheet
192Kb / 1P
Adapter - BNC Female to Phono Plug
logo
Neutrik AG
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
NA2MPMM NEUTRIK-NA2MPMM Datasheet
73Kb / 2P
3 pole XLR male ??RCA / phono plug
logo
REAN
NYS352 REAN-NYS352 Datasheet
219Kb / 3P
Heavy duty phono plug, cable clamp
09.12.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com