Electronic Components Datasheet Search
  English  ▼

X  

371-2242 Datasheet(PDF) 1 Page - Pro-Signal

Part # 371-2242
Description  Mono 3.5mm Jack Plug to Mono 3.5mm Jack Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

371-2242 Datasheet(HTML) 1 Page - Pro-Signal

  371-2242 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Length
Order Code
Mono
1.2m
371-2242
2.5m
371-2357
5m
371-2539
Stereo
1.2m
371-2278
2m
425-8496
2.5m
371-2369
5m
371-2527
7m
425-8502
10m
425-6645
15m
425-8514
25m
425-8526
Mono 3.5mm Jack Plug to Mono 3.5mm Jack Plug
246434


Similar Part No. - 371-2242

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
371-2047 PROSIGNAL-371-2047 Datasheet
25Kb / 1P
Scart Plug to Scart Plug
371-2059 PROSIGNAL-371-2059 Datasheet
25Kb / 1P
Scart Plug to Scart Plug
371-2060 PROSIGNAL-371-2060 Datasheet
25Kb / 1P
Scart Plug to Scart Plug
371-2140 PROSIGNAL-371-2140 Datasheet
25Kb / 1P
Phono Plug to Plug Lead - Coaxial
371-2151 PROSIGNAL-371-2151 Datasheet
22Kb / 1P
S-Video ,4-Pin Mini Din Leads
More results

Similar Description - 371-2242

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
logo
CUI INC
MJ-3523-SMT CUI-MJ-3523-SMT Datasheet
278Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
logo
Emerson Network Power
ADT-2733-MF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2733-MF-3MM-02-01 Datasheet
97Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE DRAWING
ADT-2734-MM-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2734-MM-3MM-02-01 Datasheet
70Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE DRAWING
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
CUI INC
MJ1-3510-SMT CUI-MJ1-3510-SMT Datasheet
89Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3502 CUI-MJ-3502 Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3502N CUI-MJ-3502N Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3510-SMT CUI-MJ-3510-SMT Datasheet
283Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com